Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 4 Page - NXP Semiconductors

  SA614AD Datasheet HTML 1Page - NXP Semiconductors SA614AD Datasheet HTML 2Page - NXP Semiconductors SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
4 of 28
NXP Semiconductors
SA614A
Low power FM IF system
6.2 Pin description
[1]
HXQFN16 package supply ground is connected to both GND pin and exposed center pad. GND pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad must be soldered to the board using a corresponding thermal pad on
the board. For proper heat conduction through the board, thermal vias must be incorporated in the PCB in
the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Description
SO16
HXQFN16
IF_AMP_DECOUPL
1
14
IF amplifier decoupling
GND
2
15
ground
MUTE_INPUT
3
16
mute input
VCC
4
1
supply voltage
RSSI_OUTPUT
5
2
RSSI output
MUTE_AUD_OUTP
6
3
mute audio output
UNMUTE_AUD_OUTP
7
4
unmute audio output
QUADRATURE_INPUT
8
5
quadrature input
LIMITER_OUTPUT
9
6
limiter output
LIMITER_DECOUPL
10
7
limiter decoupling
LIMITER_DECOUPL
11
8
limiter decoupling
LIMITER_INPUT
12
9
limiter input
GND
13
10[1]
ground
IF_AMP_OUTPUT
14
11
IF amplifier output
IF_AMP_DECOUPL
15
12
IF amplifier decoupling
IF_AMP_INPUT
16
13
IF amplifier input
-
-
DAP
exposed Die Attach Paddle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com