Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 1 Page - NXP Semiconductors

  SA614AD Datasheet HTML 1Page - NXP Semiconductors SA614AD Datasheet HTML 2Page - NXP Semiconductors SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.
General description
The SA614A is an improved monolithic low-power FM IF system. It incorporates two
limiting intermediate frequency amplifiers, quadrature detector, muting, logarithmic
received signal strength indicator, and voltage regulator. The SA614A features higher IF
bandwidth (25 MHz) and temperature compensated RSSI and limiters permitting higher
performance application compared with the SA604. The SA614A is available in a SO
(surface-mounted miniature) package.
2.
Features and benefits
Low power consumption: 3.3 mA typical
Temperature compensated logarithmic RSSI with a 90 dB dynamic range
Two audio outputs - muted and unmuted
Low external component count; suitable for crystal/ceramic filters
Excellent sensitivity: 1.5
V across inputs pins (0.22 V into 50  matching network)
for 12 dB SINAD (SIgnal-to-Noise-And-Distortion ratio) for 1 kHz tone with RF at
45 MHz and IF at 455 kHz
SA614A meets cellular radio specifications
3.
Applications
Cellular radio FM IF
High performance communication receiver
Intermediate frequency amplification and detection up to 25 MHz
RF level meter
Spectrum analyzer
Instrumentation
FSK and ASK data receivers
4.
Ordering information
SA614A
Low power FM IF system
Rev. 4 — 14 February 2014
Product data sheet
Table 1.
Ordering information
Tamb = 40 C to +85 C
Type number
Package
Name
Description
Version
SA614AD
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
SA614AHR
HXQFN16
plastic thermal enhanced extremely thin quad flat package; no leads;
16 terminals; body 3
 3  0.5 mm
SOT1039-2


Similar Part No. - SA614AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA614AD PHILIPS-SA614AD Datasheet
216Kb / 14P
Low power FM IF system
1997 Nov 07
More results

Similar Description - SA614AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA614A PHILIPS-SA614A Datasheet
216Kb / 14P
Low power FM IF system
1997 Nov 07
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
NXP Semiconductors
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
logo
NXP Semiconductors
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
High-performance low-power FM IF system
Rev. 4.1-30 March 2015
SA614A PHILIPS-SA614A_15 Datasheet
1Mb / 28P
Low power FM IF system
Rev. 4-14 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com