Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 5 Page - NXP Semiconductors

  SA614AD Datasheet HTML 1Page - NXP Semiconductors SA614AD Datasheet HTML 2Page - NXP Semiconductors SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Fig 4.
Equivalent circuit
aaa-009760
40 kΩ
80 kΩ
42 kΩ
1.6
kΩ
FULL WAVE
RECT.
VOLT
REG
VOLT
REG
12
GND
345678
16
15
14
13
GND
12
11
10
9
VCC
VEE
VCC
BAND
GAP VOLT
VOLTAGE/
CURRENT CONVERTER
40 kΩ
2 kΩ
2 kΩ
55 kΩ
55 kΩ
40 kΩ
80 kΩ
40 kΩ
80 kΩ
4.5 kΩ
42 kΩ
8 kΩ
1.6
kΩ
35 kΩ
700 Ω
700 Ω
7 kΩ
FULL WAVE
RECT.
QUAD
DET
MUTE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com