Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors SA614AD Datasheet HTML 12Page - NXP Semiconductors SA614AD Datasheet HTML 13Page - NXP Semiconductors SA614AD Datasheet HTML 14Page - NXP Semiconductors SA614AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
11 of 28
NXP Semiconductors
SA614A
Low power FM IF system
13.2 IF amplifiers
The IF amplifier section consists of two log-limiting stages. The first consists of two
differential amplifiers with 39 dB of gain and a small signal bandwidth of 41 MHz (when
driven from a 50
 source). The output of the first limiter is a low impedance emitter
follower with 1 k
 of equivalent series resistance. The second limiting stage consists of
three differential amplifiers with a gain of 62 dB and a small signal AC bandwidth of
28 MHz. The outputs of the final differential stage are buffered to the internal quadrature
detector. One of the outputs is available at pin LIMITER_OUTPUT to drive an external
quadrature capacitor and L/C quadrature tank.
Both of the limiting amplifier stages are DC biased using feedback. The buffered output of
the final differential amplifier is fed back to the input through 42 k
resistors. As shown in
Figure 4, the input impedance is established for each stage by tapping one of the
feedback resistors 1.6 k
 from the input. It requires one additional decoupling capacitor
from the tap point to ground.
Fig 8.
First limiter bias
Fig 9.
Second limiter and quadrature detector
aaa-009978
700 Ω
7 kΩ
42 kΩ
40 kΩ
1.6 kΩ
V+
14
15
16
1
aaa-009762
9V+
8
11
12
10
42 kΩ
40 kΩ
80 kΩ
40 kΩ
Fig 10. Feedback paths
aaa-009763
BPF
BPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com