Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 2Page - NXP Semiconductors SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
6 of 28
NXP Semiconductors
SA614A
Low power FM IF system
8.
Limiting values
9.
Thermal characteristics
10. Static characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
9
V
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Zth(j-a)
transient thermal impedance
from junction to ambient
SA614AD (SO16)
90
K/W
SA614AHR (HXQFN16)
75
K/W
Table 5.
Static characteristics
VCC =3V; Tamb =25 C; unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
supply current
2.5
3.3
4.0
mA
VCC
supply voltage
4.5
-
8.0
V
Vth
threshold voltage
mute switch-on
1.7
-
-
V
mute switch-off
-
-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com