Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 8 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 8 Page - ams AG

Back Button AS5047U Datasheet HTML 4Page - ams AG AS5047U Datasheet HTML 5Page - ams AG AS5047U Datasheet HTML 6Page - ams AG AS5047U Datasheet HTML 7Page - ams AG AS5047U Datasheet HTML 8Page - ams AG AS5047U Datasheet HTML 9Page - ams AG AS5047U Datasheet HTML 10Page - ams AG AS5047U Datasheet HTML 11Page - ams AG AS5047U Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Electrical Characteristics
Reference magnet: N35H, 8mm diameter; 3mm thickness.
Magnet in the Bz range.
tdelay_DAEC
Residual system
propagation delay after
dynamic angle error
correction
At ABI, UVW and SPI
-1.9
1.9
μs
trefresh
Refresh time of DAEC
output
Refresh time at
SPI(ANGLECOM), ABI,
UVW
202
222
247
ns
DAE1700
Dynamic angle error
At 1700 rpm constant
speed
0.02
degree
DAEmax
Dynamic angle error
At 28000 rpm
constant speed
0.32
degree
MS
Maximum speed
28000
rpm
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com