Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 17 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 17 Page - ams AG

Back Button AS5047U Datasheet HTML 13Page - ams AG AS5047U Datasheet HTML 14Page - ams AG AS5047U Datasheet HTML 15Page - ams AG AS5047U Datasheet HTML 16Page - ams AG AS5047U Datasheet HTML 17Page - ams AG AS5047U Datasheet HTML 18Page - ams AG AS5047U Datasheet HTML 19Page - ams AG AS5047U Datasheet HTML 20Page - ams AG AS5047U Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
ams Datasheet
Page 17
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Figure 19:
SPI Timing
Note(s):
1. Synchronization with the internal clock
→ 2 * t
CLK_SYS + 10ns (e.g. at 9 MHz
→ 232ns)
Parameter
Description
Min
Max
Units
tL
Time between CSn falling edge and CLK rising edge
350(1)
ns
tclk
Serial clock period
100
ns
tclkL
Low period of serial clock
50
ns
tclkH
High period of serial clock
50
ns
tH
Time between last falling edge of CLK and rising
edge of CSn
tclk/2
ns
tCSn
High time of SS/ between two transmissions
350(1)
ns
tMOSI
Data input valid to clock edge
20
ns
tMISO
CLK edge to data output valid
51
ns
tOZ
Time between CSn rising edge and MISO HiZ
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com