Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 4 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 4 Page - ams AG

  AS5047U Datasheet HTML 1Page - ams AG AS5047U Datasheet HTML 2Page - ams AG AS5047U Datasheet HTML 3Page - ams AG AS5047U Datasheet HTML 4Page - ams AG AS5047U Datasheet HTML 5Page - ams AG AS5047U Datasheet HTML 6Page - ams AG AS5047U Datasheet HTML 7Page - ams AG AS5047U Datasheet HTML 8Page - ams AG AS5047U Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Pin Assignment
Note(s):
1. Floating state of a digital input is not allowed.
2. If SPI is not used, a pull-up resistor on CSn is required.
3. If SPI is not used, a pull-down resistor on CLK and MOSI is required.
4. If SPI is not used, the pin MISO can be left open.
5. If ABI, UVW or PWM is not used, the pins can be left open.
12
VDD3V3
Power supply
3.3V on-chip low-dropout (LDO) output. Requires an
external decoupling capacitor (1
μF)
13
GND
Power supply
Ground
14
I/PWM
Digital output
Incremental signal I (index) or PWM(5)
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com