Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 23 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 23 Page - ams AG

Back Button AS5047U Datasheet HTML 19Page - ams AG AS5047U Datasheet HTML 20Page - ams AG AS5047U Datasheet HTML 21Page - ams AG AS5047U Datasheet HTML 22Page - ams AG AS5047U Datasheet HTML 23Page - ams AG AS5047U Datasheet HTML 24Page - ams AG AS5047U Datasheet HTML 25Page - ams AG AS5047U Datasheet HTML 26Page - ams AG AS5047U Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
ams Datasheet
Page 23
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Volatile Registers
The volatile registers are shown in Figure 31. Each register has
a 14-bit address.
Figure 31:
Volatile Memory Register Description
Figure 32:
ERRFL (0x0001)
Address
Name
Default
Description
0x0000
NOP
0x0000
No operation
0x0001
ERRFL
0x0000
Error register
0x0003
PROG
0x0000
Programming register
0x3FF5
DIA
0xX3C2 or 0xXBC2 for
3.3V mode
0xX3C3 or 0xXBC3 for
5 V mode
DIAGNOSTIC
0x3FF9
AGC
0x0000
AGC Value
0x3FFA
Sin-data
0x0000
Raw digital sine channel data
0x3FFB
Cos-data
0x0000
Raw digital cosine channel data
0x3FFC
VEL
0x0000
Velocity
0x3FFD
MAG
0x0000
CORDIC magnitude
0x3FFE
ANGLEUNC
0x0000
Measured angle without dynamic
angle error compensation
0x3FFF
ANGLECOM
0x0000
Measured angle with dynamic angle
error compensation
0x00D1
ECC_Checksum
0x0000
ECC checksum calculated based on
actual register setting
Name
Read/Write
Bit Position
Description
CORDIC
Overflow
R
10
Reading the Overflow Bit of the CORDIC
OffCompNotFi
nished
R9
In case the flag is 1 the internal offset compensation
is not finished
Not used
N/A
8
No function. Bit Setting: 0
WDTST
R
7
Watchdog information. In case the flag sets to 1, the
internal oscillator or the watchdog is not working
correctly
CRC error
R
6
CRC error during SPI communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com