Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 27 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 27 Page - ams AG

Back Button AS5047U Datasheet HTML 23Page - ams AG AS5047U Datasheet HTML 24Page - ams AG AS5047U Datasheet HTML 25Page - ams AG AS5047U Datasheet HTML 26Page - ams AG AS5047U Datasheet HTML 27Page - ams AG AS5047U Datasheet HTML 28Page - ams AG AS5047U Datasheet HTML 29Page - ams AG AS5047U Datasheet HTML 30Page - ams AG AS5047U Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
ams Datasheet
Page 27
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Figure 42:
DISABLE (0x0015)
Figure 43:
ZPOSM (0x0016)
Figure 44:
ZPOSL (0x0017)
0x0019
SETTINGS2
0x0000
Custom setting register 2
0x001A
SETTINGS3
0x0000
Custom setting register 3
0x001B
ECC
0x0000
ECC Settings
Name
Read/Write/Program
Bit Position
Description
UVW_off
RW
0
0: Normal mode (default)
1: Switch UVW output off (tristate)
ABI_off
RW
1
0: Normal mode (default)
1: Switch ABI output off (tristate)
na
RW
2:5
Default=0
FILTER_disable
RW
6
0: Filter enabled (default)
1: Filter disabled
Name
Read/Write/Program
Bit Position
Description
ZPOSM
R/W/P
7:0
8 most significant bits of the zero position
Name
Read/Write/Program
Bit Position
Description
ZPOSL
R/W/P
5:0
6 least significant bits of the zero position
Dia1_en
R/W/P
6
Default=0; only applicable for automotive
version AS5147U
Dia2_en
R/W/P
7
Default=0; only applicable for automotive
version AS5147U
Address
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com