Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 38 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 38 Page - ams AG

Back Button AS5047U Datasheet HTML 34Page - ams AG AS5047U Datasheet HTML 35Page - ams AG AS5047U Datasheet HTML 36Page - ams AG AS5047U Datasheet HTML 37Page - ams AG AS5047U Datasheet HTML 38Page - ams AG AS5047U Datasheet HTML 39Page - ams AG AS5047U Datasheet HTML 40Page - ams AG AS5047U Datasheet HTML 41Page - ams AG AS5047U Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Application Information
Figure 56:
Minimum Programming Diagram for the AS5047U with 3.3V Supply Voltage
Note(s):
1. In terms of EMC and for remote application, additional circuits are necessary.
CSn
CLK
MISO
MOSI
TEST
A
B
GND
VDD3V
VDD
U
V
W
VDD during programming: 3.3V – 3.5V
100nF
Programmer
VDD
GND
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com