Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 46 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 46 Page - ams AG

Back Button AS5047U Datasheet HTML 42Page - ams AG AS5047U Datasheet HTML 43Page - ams AG AS5047U Datasheet HTML 44Page - ams AG AS5047U Datasheet HTML 45Page - ams AG AS5047U Datasheet HTML 46Page - ams AG AS5047U Datasheet HTML 47Page - ams AG AS5047U Datasheet HTML 48Page - ams AG AS5047U Datasheet HTML 49Page - ams AG AS5047U Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Ordering & Contac t Information
Figure 64:
Ordering Information
Buy our products or get free samples online at:
www.ams.com/Products
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/Contact
Headquarters
ams AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering
Code
Package
Marking
Delivery Form
Delivery
Quantity
AS5047U-HTSM
TSSOP14
AS5047U
7” Tape & Reel in dry pack
500 pcs/reel
AS5047U-HTST
TSSOP14
AS5047U
13” Tape & Reel in dry pack
4500 pcs/reel
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com