Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 30 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 30 Page - ams AG

Back Button AS5047U Datasheet HTML 26Page - ams AG AS5047U Datasheet HTML 27Page - ams AG AS5047U Datasheet HTML 28Page - ams AG AS5047U Datasheet HTML 29Page - ams AG AS5047U Datasheet HTML 30Page - ams AG AS5047U Datasheet HTML 31Page - ams AG AS5047U Datasheet HTML 32Page - ams AG AS5047U Datasheet HTML 33Page - ams AG AS5047U Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
ABI Incremental Interface
The AS5047U can send the angle position to the host
microcontroller through an incremental interface. This
interface is available simultaneously with the other interfaces.
By default, the incremental interface is set to work at a 12-bit
resolution which corresponds to 4096 steps per revolution or
1024 pulses per revolution (ppr). This resolution can be
changed with the OTP bits ABIRES. The phase shift between the
A and B signals indicates the rotation direction: clockwise (A
leads, B follows) or counterclockwise (B leads, A follows). During
the start-up time, after power on to the chip, all three ABI signals
are high. The DIR bit can be used to invert the sense of the
rotation direction.
The IWIDTH setting programs the width of the index pulse from
3 LSB (default) to 1 LSB.
Figure 49:
ABI Signals
N= 16384 for 14-Bit resolution, N = 4096 for 12-bit resolution
and N = 1024 for 10-bit resolution..
The Figure 49 shows the ABI signal flow if the magnet rotates
in clockwise direction and counter-clockwise direction (DIR=0).
The rotation direction of the magnet is defined as clockwise
(DIR=0) when the view is from the topside of AS5047U.
012345678
N-1
N-2
N-3
N-4
N-5
N-6
1
2
3
4
5
6
70 N-1 N-2 N-3 N-4
A
B
I
N-7
Steps
Clockwise rotation
Counter-clockwise rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com