Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 35 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 35 Page - ams AG

Back Button AS5047U Datasheet HTML 31Page - ams AG AS5047U Datasheet HTML 32Page - ams AG AS5047U Datasheet HTML 33Page - ams AG AS5047U Datasheet HTML 34Page - ams AG AS5047U Datasheet HTML 35Page - ams AG AS5047U Datasheet HTML 36Page - ams AG AS5047U Datasheet HTML 37Page - ams AG AS5047U Datasheet HTML 38Page - ams AG AS5047U Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
ams Datasheet
Page 35
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Hysteresis
The hysteresis can be programmed in the HYS bits of the
SETTINGS3 register. The hysteresis can be 1, 2, or 3 LSB bits,
based on 11-bit resolution.
Figure 54:
Hysteresis Settings
Automatic Gain Control (AGC) and CORDIC
Magnitude
The AS5047U uses AGC to compensate for variations in the
magnetic field strength due to changes of temperature, air gap
between the chip and the magnet, and demagnetization of the
magnet. The automatic gain control value can be read in the
AGC field of the AGC register. Within the specified input
magnetic field strength (Bz), the Automatic Gain Control keeps
the CORDIC magnitude value (MAG) constant.
If magnetic field strength is out of specifications, the AGC has
its limits reached and the Agc-warning bit is set. When the
magnetic field strength is decreasing more then AGC can
control, the CORDIC magnitude is also decreasing.
If the CORDIC magnitude decreases lower than half of the target
magnet, the error flag MagHalf_flag is set.
HYS
Hysteresis Related to 11-Bit
ABI Resolution
00
1
01
2
10
3
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com