Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 45 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 45 Page - ams AG

Back Button AS5047U Datasheet HTML 41Page - ams AG AS5047U Datasheet HTML 42Page - ams AG AS5047U Datasheet HTML 43Page - ams AG AS5047U Datasheet HTML 44Page - ams AG AS5047U Datasheet HTML 45Page - ams AG AS5047U Datasheet HTML 46Page - ams AG AS5047U Datasheet HTML 47Page - ams AG AS5047U Datasheet HTML 48Page - ams AG AS5047U Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
ams Datasheet
Page 45
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Mechanical Data
Figure 63:
TSSOP14 Die Placement and Hall Array Position
Note(s):
1. Dimensions are in mm.
2. The Hall array center is located in the center of the IC package. Hall array radius is 1.25mm.
3. Die thickness is 203μm nominal.
Mechanical Data
Hall radius
2.130±0.235
0.306±0.100
0.694±0.150
0.236±0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com