Electronic Components Datasheet Search
  English  ▼

X  

AS5047U Datasheet(PDF) 24 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 24 Page - ams AG

Back Button AS5047U Datasheet HTML 20Page - ams AG AS5047U Datasheet HTML 21Page - ams AG AS5047U Datasheet HTML 22Page - ams AG AS5047U Datasheet HTML 23Page - ams AG AS5047U Datasheet HTML 24Page - ams AG AS5047U Datasheet HTML 25Page - ams AG AS5047U Datasheet HTML 26Page - ams AG AS5047U Datasheet HTML 27Page - ams AG AS5047U Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
Reading the ERRFL register automatically clears its contents
(ERRFL=0x0000).
In case of an error flag, a read of the DIA register is mandatory.
Figure 33:
PROG (0x0003)
The PROG register is used for programming the OTP memory.
Command_
error
R
5
SPI invalid command received
Framing error
R
4
Framing if SPI communication wrong
P2ram_error
R
3
ECC has detected 2 uncorrectable errors in P2RAM in
customer area
P2ram_
warning
R
2
ECC is correcting one bit of P2RAM in customer area
MagHalf
R
1
This flag sets to 1 in case the AGC Value reaches 255
LSB and the magnitude value is the half of the of the
regulated magnitude value (between AGC = 0LSB
and AGC = 255LSB) which is typical 4800LSB.
Agc-warning
R
0
Agc-warning=1. The flag sets to 1 in case the AGC
Value reaches 0LSB or 255LSB. The detailed
information which level is reached can be found in
the diagnostic register.
Name
Read/Write
Bit Position
Description
PROGVER
R/W
6
Program verify: Must be set to 1 for verifying the
correctness of the OTP programming
PROGOTP
R/W
3
Start OTP programming cycle
OTPREF
R/W
2
Refreshes the non-volatile memory content with the
OTP programmed content
PROGEN
R/W
0
Program OTP enable: Enables reading / writing the OTP
memory
Name
Read/Write
Bit Position
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com