Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7933 Datasheet HTML 10Page - Analog Devices AD7933 Datasheet HTML 11Page - Analog Devices AD7933 Datasheet HTML 12Page - Analog Devices AD7933 Datasheet HTML 13Page - Analog Devices AD7933 Datasheet HTML 14Page - Analog Devices AD7933 Datasheet HTML 15Page - Analog Devices AD7933 Datasheet HTML 16Page - Analog Devices AD7933 Datasheet HTML 17Page - Analog Devices AD7933 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
Figure 9. AD7934 Change in INL vs. VREF for VDD = 5 V
Figure 10.AD7934 Change in DNL vs. VREF for VDD = 5 V
Figure 11. AD7934 Change in ENOB vs. VREF for VDD = 5 V
Figure 12. AD7934 Offset vs. VREF
Figure 13. AD7934 Histogram of Codes @ VDD = 5 V with the Internal Reference
Figure 14. AD7934 Histogram of Codes @ VDD = 5 V with an External Reference
Rev. PrG | Page 14 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com