Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7933 Datasheet HTML 21Page - Analog Devices AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices AD7933 Datasheet HTML 24Page - Analog Devices AD7933 Datasheet HTML 25Page - Analog Devices AD7933 Datasheet HTML 26Page - Analog Devices AD7933 Datasheet HTML 27Page - Analog Devices AD7933 Datasheet HTML 28Page - Analog Devices AD7933 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
Reading Data from the AD7933/AD7934
With the W/B pin tied logic high, the AD7933/AD7934
interface operates in word mode. In this case, a single read
operation from the device accesses the conversion data-word on
Pins DB0/DB2 to DB11. The DB8/HBEN pin assumes its DB8
function. With the W/B pin tied to logic low, the
AD7933/AD7934 interface operates in byte mode. In this case,
the DB8/HBEN pin assumes its HBEN function. Conversion
data from the AD7933/ AD7934 must be accessed in two read
operations with 8 bits of data provided on DB0 to DB7 for each
of the read operations. The HBEN pin determines whether the
read operation accesses the high byte or the low byte of the12-
or 10-bit word. For a low byte read, DB0 to DB7 provide the
eight LSBs of the 12-bit word. For 10-bit operation, the two
LSBs of the low byte are 0s and are followed by 6 bits of
conversion data. For a high byte read, DB0 to DB3 provide the
4 MSBs of the 12-/10-bit word. DB4 of the high byte is always 0
and DB5 and DB6 of the high byte provide the Channel ID.
shows the read cycle timing diagram for a 12-/10-bit
transfer. When operated in word mode, the HBEN input does
not exist and only the first read operation is required to access
data from the device. When operated in byte mode, the two read
cycles shown in F
are required to access the full data-
word from the device.
Figure 37
igure 38
Figure 38. AD7933/AD7934 Parallel Interface—Read Cycle Timing for Byte Mode Operation (W/B = 0)
The CS and RD signals are gated internally and level triggered
active low. In either word mode or byte mode, CS and RD may
be tied together as the timing specification t10 and t11 is 0 ns
minimum. The data is placed onto the data bus a time t13 after
both CS and RD go low. The RD rising edge can be used to latch
data out of the device. After a time, t14, the data lines will
become three-stated.
Alternatively, CS and RD can be tied permanently low and the
conversion data will be valid and placed onto the data bus a
time, t9, before the falling edge of BUSY.
t11
t10
t13
t15
t15
t16
t16
t14
t12
t17
LOW BYTE
HIGH BYTE
DB0 TO DB7
HBEN/DB8
RD
CS
Rev. PrG | Page 25 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com