Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices AD7933 Datasheet HTML 24Page - Analog Devices AD7933 Datasheet HTML 25Page - Analog Devices AD7933 Datasheet HTML 26Page - Analog Devices AD7933 Datasheet HTML 27Page - Analog Devices AD7933 Datasheet HTML 28Page - Analog Devices AD7933 Datasheet HTML 29Page - Analog Devices AD7933 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
Writing Data to the AD7933/AD7934
With W/B tied logic high, a single write operation transfers the
full data-word on DB0 to DB11 to the control register on the
AD7933/AD7934. The DB8/HBEN pin assumes its DB8
function. Data written to the AD7933/AD7934 should be
provided on the DB0 to DB11 inputs with DB0 being the LSB of
the data-word. With W/B tied logic low, the AD7933/AD7934
requires two write operations to transfer a full 12-bit word.
DB8/HBEN assumes its HBEN function. Data written to the
AD7933/AD7934 should be provided on the DB0 to DB7
inputs. HBEN determines whether the byte written is high byte
or low byte data. The low byte of the data-word has DB0 being
the LSB of the full data-word. For the high byte write, HBEN
should be high and the data on the DB0 input should be data bit
8 of the 12 bit word.
Figure 39
Figure 39. AD7933/AD7934 Parallel Interface—Write Cycle Timing for Word Mode Operation (W/B = 1)
shows the write cycle timing diagram of the
AD7933/AD7934. When operated in word mode, the HBEN
input does not exist and only the one write operation is required
to write the word of data to the device. Data should be provided
on DB0 to DB11. When operated in byte mode, the two write
cycles shown in F
are required to write the full data-
word to the AD7933/AD7934. In F
, the first write
transfers the lower 8 bits of the data-word from DB0 to DB7
and the second write transfers the upper 4 bits of the data-word.
igure 40
igure 40
Figure 40. AD7933/AD7934 Parallel Interface—Write Cycle Timing for Byte Mode Operation (W/B = 0)
When writing to the AD7933/AD7934, the top 4 bits in the high
byte must be 0s.
The data is latched into the device on the rising edge of WR.
The data needs to be setup a time, t7, before the WR rising edge
and held for a time, t8, after the WR rising edge. The CS and WR
signals are gated internally. CS and WR may be tied together as
the timing specification for t4 and t5 is 0 ns minimum (assuming
CS and RD have not already been tied together).
t8
t5
t7
t6
t4
DATA
DB0 TO DB11
WR
CS
t5
t4
t7
t18
t18
t19
t19
t8
t6
t17
LOW BYTE
HIGH BYTE
DB0 TO DB7
HBEN/DB8
WR
CS
Rev. PrG | Page 26 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com