Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7933 Datasheet HTML 24Page - Analog Devices AD7933 Datasheet HTML 25Page - Analog Devices AD7933 Datasheet HTML 26Page - Analog Devices AD7933 Datasheet HTML 27Page - Analog Devices AD7933 Datasheet HTML 28Page - Analog Devices AD7933 Datasheet HTML 29Page - Analog Devices AD7933 Datasheet HTML 30Page - Analog Devices AD7933 Datasheet HTML 31Page - Analog Devices AD7933 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Preliminary Technical Data
AD7933/AD7934
AD7933/AD7934 to TMS32020, TMS320C25, and
TMS320C5x Interface
Parallel interfaces between the AD7933/AD7934 and the
TMS32020, TMS320C25 and TMS320C5x family of DSPs are
shown in
. The memory mapped address chosen for
the AD7933/AD7934 should be chosen to fall in the I/O
memory space of the DSPs. The parallel interface on the
AD7933/AD7934 is fast enough to interface to the TMS32020
with no extra wait states. If high speed glue logic, such as 74AS
devices, are used to drive the RD and the WR lines when
interfacing to the TMS320C25, then again, no wait states are
necessary. However, if slower logic is used, data accesses may be
slowed sufficiently when reading from and writing to the part to
require the insertion of one wait state. Extra wait states will be
necessary when using the TMS320C5x at their fastest clock
speeds (see the TMS320C5x User’s Guide for details).
Figure 46
Figure 46. Interfacing to the TMS32020/C25/C5x
Data is read from the ADC using the following instruction:
IN D, ADC
where D is the data memory address, and ADC is the
AD7933/AD7934 address.
AD7933/
AD7934*
TMS32020/
TMS320C25/
TMS320C50*
WR
RD
DB11 TO DB0
DMD0 TO DMD15
A0 TO A15
IS
READY
INTX
BUSY
CS
EN
CONVST
OPTIONAL
TMS320C25
ONLY
R/W
STRB
*ADDITIONAL PINS OMITTED FOR CLARITY
ADDRESS BUS
DATA BUS
ADDRESS
DECODER
MSC
AD7933/AD7934 to 80C186 Interface
Figure 47 shows the AD7933/AD7934 interfaced to the 80C186
microprocessor. The 80C186 DMA controller provides two
independent high speed DMA channels where data transfer can
occur between memory and I/O spaces. Each data transfer
consumes two bus cycles, one cycle to fetch data and the other
to store data. After the AD7933/AD7934 has finished a
conversion, the BUSY line generates a DMA request to
Channel 1 (DRQ1). As a result of the interrupt, the processor
performs a DMA READ operation which also resets the
interrupt latch. Sufficient priority must be assigned to the DMA
channel to ensure that the DMA request will be serviced before
the completion of the next conversion.
AD7933/
AD7934*
80C186*
WR
DB0 TO DB11
AD0 TO AD15
A16 TO A19
ALE
DRQ1
BUSY
CS
QR
S
CONVST
OPTIONAL
WR
RD
RD
*ADDITIONAL PINS OMITTED FOR CLARITY
ADDRESS/DATA BUS
ADDRESS BUS
DATA BUS
ADDRESS
LATCH
ADDRESS
DECODER
Figure 47. Interfacing to the 80C186
Rev. PrG | Page 29 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com