Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7933 Datasheet HTML 13Page - Analog Devices AD7933 Datasheet HTML 14Page - Analog Devices AD7933 Datasheet HTML 15Page - Analog Devices AD7933 Datasheet HTML 16Page - Analog Devices AD7933 Datasheet HTML 17Page - Analog Devices AD7933 Datasheet HTML 18Page - Analog Devices AD7933 Datasheet HTML 19Page - Analog Devices AD7933 Datasheet HTML 20Page - Analog Devices AD7933 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Preliminary Technical Data
AD7933/AD7934
Table 9. Analog Input Type Selection
Channel Address
MODE0 = 0, MODE1 = 0
MODE0 = 0, MODE1 = 1
MODE0 = 1, MODE1 = 0
MODE0 = 1, MODE1 = 1
Four Single-Ended I/P
Channels
Two Fully Differential
I/P Channels
Two Pseudo-Differential
I/P Channels
Not Used
ADD1
ADD0
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
0
0
VIN0
AGND
VIN0
VIN1
VIN0
VIN1
0
1
VIN1
AGND
VIN1
VIN0
VIN1
VIN0
1
0
VIN2
AGND
VIN2
VIN3
VIN2
VIN3
1
1
VIN3
AGND
VIN3
VIN2
VIN3
VIN2
SEQUENCER OPERATION
The configuration of the SEQ0 and SEQ1 bits in the control register allow the user to use the sequencer function. T
outlines the
two sequencer modes of operation.
able 10
Table 10. Sequence Selection Modes
SEQ0
SEQ1
Sequence Type
0
0
This configuration is selected when the sequence function is not used. The analog input channel selected on each
individual conversion is determined by the contents of the channel address bits, ADD1 and ADD0, in each prior write
operation. This mode of operation reflects the normal operation of a multichannel ADC, without the sequencer function
being used, where each write to the AD7933/AD7934 selects the next channel for conversion.
0
1
Not Used.
1
0
Not Used.
1
1
This configuration is used in conjunction with the channel address bits, ADD1 and ADD0, to program continuous
conversions on a consecutive sequence of channels from Channel 0 through to a selected final channel as determined by
the channel address bits in the control register. When in differential or pseudo-differential mode, inverse channels (e.g.,
VIN1, VIN0) are not converted in this mode.
Rev. PrG | Page 17 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com