Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7933 Datasheet HTML 16Page - Analog Devices AD7933 Datasheet HTML 17Page - Analog Devices AD7933 Datasheet HTML 18Page - Analog Devices AD7933 Datasheet HTML 19Page - Analog Devices AD7933 Datasheet HTML 20Page - Analog Devices AD7933 Datasheet HTML 21Page - Analog Devices AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices AD7933 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
0.47
µF
+1.25V
VIN
R
R
3R
0V
–1.25V
+2.5V
0V
VIN0
VIN3
VREFOUT
AD7933/
AD7934*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 24. THD vs. Analog Input Frequency for Various Source Impedances
Figure 25 shows a graph of the THD versus the analog input
frequency for various supplies, while sampling at 1.5 MHz with
an SCLK of 20 MHz. In this case, the source impedance is 10 Ω.
Figure 25. THD vs. Analog Input Frequency for Various Supply Voltages
ANALOG INPUTS
The AD7933/AD7934 have software selectable analog input
configurations. Users can choose either four single-ended
inputs, two fully differential pairs, or two pseudo-differential
pairs. The analog input configuration is chosen with Bits
MODE0/MODE1 in the internal control register (see
).
Table 9
Single-Ended Mode
The AD7933/AD7934 can have four single-ended analog input
channels by setting the MODE0 and MODE1 bits in the control
register both to 0. In applications where the signal source has a
high impedance, it is recommended to buffer the analog input
before applying it to the ADC. The analog input range is either 0
to VREF or 0 to 2 × VREF.
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this
signal to make it of the correct format for the ADC.
Figure 26
Figure 26. Single-Ended Mode Connection Diagram
Differential Mode
The AD7933/AD7934 can have two differential analog input
pairs by setting Bits MODE0 and MODE1 in the control
register to 0 and 1, respectively.
Differential signals have some benefits over single-ended
signals, including noise immunity based on the device’s
common-mode rejection and improvements in distortion
performance. F
defines the fully differential analog
input of the AD7933/AD7934.
igure 27
Figure 27. Differential Input Definition
VREF
p-p
VIN+
VIN–
VREF
p-p
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7933/
AD7934*
COMMON-MODE
VOLTAGE
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− pins in each
differential pair (i.e., VIN+ − VIN−). VIN+ and VIN− should be
simultaneously driven by two signals, each of amplitude VREF
that are 180° out of phase. The amplitude of the differential
signal is therefore −VREF to +VREF peak-to-peak (i.e., 2 × VREF).
This is regardless of the common mode (CM). The common
mode is the average of the two signals, i.e. (VIN+ + VIN−)/2, and is
therefore the voltage that the two inputs are centered on. This
results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally and its range varies with VREF.
As the value of VREF increases, the common-mode range
decreases. When driving the inputs with an amplifier, the actual
common-mode range is determined by the amplifier’s output
voltage swing.
Figure 28 and Figure 29 show how the common-mode range
typically varies with VREF for both a 5 V and a 3 V power supply.
The common mode must be in this range to guarantee the
functionality of the AD7933/AD7934.
shows a typical connection diagram when operating
the ADC in single-ended mode.
Rev. PrG | Page 20 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com