Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7933 Datasheet HTML 19Page - Analog Devices AD7933 Datasheet HTML 20Page - Analog Devices AD7933 Datasheet HTML 21Page - Analog Devices AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices AD7933 Datasheet HTML 24Page - Analog Devices AD7933 Datasheet HTML 25Page - Analog Devices AD7933 Datasheet HTML 26Page - Analog Devices AD7933 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Preliminary Technical Data
AD7933/AD7934
REFERENCE
AD7933/
AD7934
ADC
BUFFER
VREFIN/
VREFOUT
Example 2
VIN MAX = VDD + 0.3
VIN MAX = VREF + VREF/2
If VDD = 3.6 V, then VIN MAX = 3.9 V.
Figure 35. Internal Reference Circuit Block Diagram
Therefore, 3 × VREF/2 = 3.6 V.
Alternatively, an external reference can be applied to the
VREFIN/VREFOUT pin of the AD7933/AD7934. An external
reference input is selected by setting the REF bit in the internal
control register to 0. When using an external reference, the
VREFIN/VREFOUT pin should be decoupled to AGND with a 0.1 µF
capacitor. When operating in differential mode, the external
reference input range is 0.1 V to 3.5V, and in single-ended and
pseudo-differential mode, the external reference input range is
0.1 V to VDD. In all cases, the specified reference is 2.5 V.
VREF MAX = 2.6 V
Therefore, when operating with at VDD = 3 V, the value of VREF
can range from 100 mV to a maximum value of 2.4 V. When
VDD = 2.7 V, VREF MAX = 2 V.
These examples show that the maximum reference applied to
the AD7933/AD7934 is directly dependant on the value applied
to VDD.
It is important to ensure that, when choosing the reference
value, the maximum analog input range (VIN MAX) is never
greater than VDD + 0.3 V to comply with the maximum ratings
of the device. In pseudo differential mode, the user must ensure
that VREFIN − VIN− ≤ VDD.
The performance of the part at different reference values is
shown in Figures TBD to TBD. The value of the reference sets
the analog input span and the common-mode voltage range.
Errors in the reference source result in gain errors in the
AD7933/AD7934 transfer function and add to the specified
full-scale errors on the part.
lists suitable voltage
references available from ADI that could be used, and F
shows a typical connection diagram for an external reference.
Table 11
Table 11. Examples of Suitable Voltage References
The following two examples calculate the maximum VREF input
that can be used when operating the AD7933/AD7934 in
differential mode with a VDD of 5 V and 3 V, respectively.
igure 36
Figure 36. Typical VREF Connection Program
Example 1
Reference
Output
Voltage
Initial Accuracy
(% max)
Operating
Current (µA)
AD780
2.5/3
0.04
1000
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
VIN MAX = VDD + 0.3
VIN MAX = VREF + VREF/2
1
AD780
NC
8
2
+VIN
NC
7
3
GND
6
4
TEMP
5
O/PSELECT
TRIM
VOUT
VREF
2.5V
NC
NC
VDD
NC = NO CONNECT
10nF
0.1
µF
0.1
µF
0.1
µF
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7933/
AD7934*
If VDD = 5 V, then VIN MAX = 5.3 V.
Therefore, 3 × VREF/2 = 5.3 V.
VREF MAX = 3.5 V
Therefore, when operating at VDD = 5 V, the value of VREF can
range from 100 mV to a maximum value of 3.5 V. When VDD =
4.75 V, VREF MAX = 3.17 V.
Rev. PrG | Page 23 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com