Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7933 Datasheet HTML 20Page - Analog Devices AD7933 Datasheet HTML 21Page - Analog Devices AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices AD7933 Datasheet HTML 24Page - Analog Devices AD7933 Datasheet HTML 25Page - Analog Devices AD7933 Datasheet HTML 26Page - Analog Devices AD7933 Datasheet HTML 27Page - Analog Devices AD7933 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
Digital Inputs
PARALLEL INTERFACE
The digital inputs applied to the AD7933/AD7934 are not
limited by the maximum ratings that limit the analog inputs.
Instead, the digital inputs applied can go to 7 V and are not
restricted by the AVDD + 0.3 V limit that is on the analog inputs.
The AD7933/AD7934 have a flexible, high speed, parallel
interface. This interface is 12-bits (AD7934) or 10-bits
(AD7933) wide and is capable of operating in either word (W/B
tied high) or byte (W/B tied low) mode. The CONVST signal is
used to initiate conversions, and when operating in auto
shutdown or auto standby mode, it is used to power up the
ADC.
Another advantage of the digital inputs not being restricted by
the AVDD + 0.3 V limit is the fact that power supply sequencing
issues are avoided. If any of these inputs are applied before AVDD,
then there is no risk of latch-up as there would be on the analog
inputs if a signal greater than 0.3 V was applied prior to AVDD.
A falling edge on the CONVST signal is used to initiate
conversions, and it also puts the ADC track-and-hold into track.
Once the CONVST signal goes low, the BUSY signal goes high
for the duration of the conversion. In between conversions,
CONVST must be brought high for a minimum time of t1. This
must happen after the 14th rising edge of CLKIN; otherwise, the
conversion will be aborted and the track-and-hold will go back
into track. At the end of the conversion, BUSY goes low and can
be used to activate an interrupt service routine. The CS and RD
lines are then activated in parallel to read the 12 bits or 10 bits
of conversion data. When power supplies are first applied to the
device, a rising edge on CONVST puts the track-and-hold into
track. The acquisition time of 135 ns minimum must be allowed
before CONVST is brought low to initiate a conversion. The
ADC will then go into hold on the falling edge of CONVST and
back into track on the 13th rising edge of CLKIN after this (see
). When operating the device in auto shutdown or auto
standby mode, where the ADC powers down at the end of each
conversion, a rising edge on the CONVST signal is used to
power up the device.
VDRIVE Input
The AD7933/AD7934 has a VDRIVE feature. VDRIVE controls the
voltage at which the parallel interface operates. VDRIVE allows the
ADC to easily interface to 1.8 V, 3 V, and 5 V processors. VDRIVE
of 1.8 V can only be used if VDD = 2.7 V to 3.6 V.
For example, if the AD7933/AD7934 operated with an AVDD of
5 V and the VDRIVE pin could be powered from a 3 V supply, the
AD7933/AD7934 has better dynamic performance with an
AVDD of 5 V while still being able to interface to 3 V processors.
Care should be taken to ensure VDRIVE does not exceed AVDD by
more than 0.3 V (see
).
Table 4
Figure 37
Figure 37. AD7933/AD7934 Parallel Interface—Conversion and Read Cycle in Word Mode (W/B = 1)
t2
t3
t20
t14
t11
t9
t13
t12
t10
tCONVERT
tAQUISITION
tQUIET
t1
12
3
4
5
12
13
14
B
A
DATA
DATA
OLD DATA
DB0 TO DB11
DB0 TO DB11
RD
CS
INTERNAL
TRACK/HOLD
BUSY
CLKIN
CONVST
THREE-STATE
THREE-STATE
WITH CS AND RD TIED LOW
Rev. PrG | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com