Electronic Components Datasheet Search
  English  ▼

X  

AD7933 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7933
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7933 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7933 Datasheet HTML 15Page - Analog Devices AD7933 Datasheet HTML 16Page - Analog Devices AD7933 Datasheet HTML 17Page - Analog Devices AD7933 Datasheet HTML 18Page - Analog Devices AD7933 Datasheet HTML 19Page - Analog Devices AD7933 Datasheet HTML 20Page - Analog Devices AD7933 Datasheet HTML 21Page - Analog Devices AD7933 Datasheet HTML 22Page - Analog Devices AD7933 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Preliminary Technical Data
AD7933/AD7934
ANALOG INPUT STRUCTURE
100...000
011...111
1 LSB = 2
× VREF/4096 (AD7934)
1 LSB = 2
× VREF/1024 (AD7933)
–VREF + 1 LSB
VREF
+VREFV – 1 LSB
100...001
100...010
011...110
000...001
000...000
111...111
Figure 23 shows the equivalent circuit of the analog input
structure of the AD7933/AD7934 in differential/pseudo-
differential mode. In single-ended mode, VIN− is internally tied
to AGND. The four diodes provide ESD protection for the
analog inputs. Care must be taken to ensure that the analog
input signals never exceed the supply rails by more than
300 mV. This causes these diodes to become forward-biased and
start conducting into the substrate. These diodes can conduct
up to 10 mA without causing irreversible damage to the part.
The C1 capacitors, in Figure 23, are typically 4 pF and can
primarily be attributed to pin capacitance. The resistors are
lumped components made up of the on resistance of the
switches. The value of these resistors is typically about 100 Ω.
The C2 capacitors, in Figure 23, are the ADC’s sampling
capacitors and have a typical capacitance of 16 pF.
Figure 21. AD7933/AD7934 Ideal Transfer Characteristic
with Twos Complement Output Coding
TYPICAL CONNECTION DIAGRAM
Figure 22
Figure 22. Typical Connection Diagram
shows a typical connection diagram for the
AD7933/AD7934. The AGND and DGND pins are connected
together at the device for good noise suppression. The
VREFIN/VREFOUT pin is decoupled to AGND with a 0.47 µF
capacitor to avoid noise pickup, if the internal reference is used.
Alternatively, VREFIN/VREFOUT can be connected to a external
reference source, and in this case, the reference pin should be
decoupled with a 0.1 µF capacitor. In both cases, the analog
input range can either be 0 V to VREF (RANGE bit = 0) or 0 V to
2 × VREF (RANGE bit = 1). The analog input configuration is
either four single-ended inputs, two differential pairs or two
pseudo-differential pairs (see
). The VDD pin connects to
either a 3 V or 5 V supply. The voltage applied to the VDRIVE
input controls the voltage of the digital interface, and here, it is
connected to the same 3 V supply of the microprocessor to
allow a 3 V logic interface (see the
section).
For ac applications, removing high frequency components from
the analog input signal is recommended by using an RC low-
pass filter on the relevant analog input pins. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance source.
Large source impedances significantly affect the ac performance
of the ADC. This may necessitate the use of an input buffer
amplifier. The choice of the op amp is a function of the
particular application.
R1
C2
VIN+
VDD
C1
D
D
R1
C2
VIN–
VDD
C1
D
D
Table 9
Digital Inputs
0.1
µF10µF
3V/5V
SUPPLY
3V
SUPPLY
µC/µP
AD7933/AD7934
0.1
µF
0.1
µF EXTERNAL VREF
0.47
µF INTERNAL VREF
0 TO VREF/
0 TO 2
× VREF
AGND
DGND
W/B
CLKIN
CS
VDRIVE
VIN0
VDD
VREFIN/VREFOUT
VIN3
10
µF
2.5V
VREF
RD
CONVST
WR
BUSY
DB0
DB11/DB9
Figure 23. Equivalent Analog Input Circuit, Conversion Phase—Switches,
Open Track Phase—Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of THD that can
be tolerated. The THD increases as the source impedance
increases and performance degrades. F
shows a graph of
the THD versus the analog input signal frequency for different
source impedances for both VDD = 5 V and 3 V.
igure 24
Rev. PrG | Page 19 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com