Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 33Page - Texas Instruments AMC7823 Datasheet HTML 34Page - Texas Instruments AMC7823 Datasheet HTML 35Page - Texas Instruments AMC7823 Datasheet HTML 36Page - Texas Instruments AMC7823 Datasheet HTML 37Page - Texas Instruments AMC7823 Datasheet HTML 38Page - Texas Instruments AMC7823 Datasheet HTML 39Page - Texas Instruments AMC7823 Datasheet HTML 40Page - Texas Instruments AMC7823 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
www.ti.com
REGISTERS
AMC Status/Configuration Register (Read/Write; see Figure 50, DAV Pin and GALR Pin)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
This section describes each of the registers shown in the memory map of Table 2. The registers are named
descriptively, according to their respective functions.
NOTE: After power-on or reset, all ADC channels, all DACs, and the precision current source are in a
powered-down state. The user must write the Power-Down Register properly in order to activate the desired
components. For details, see the Power-Down Register section.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
X
RSTC
DAVF
0
X
X
X
X
SREF
GREF
ECNVT
X
X
X
X
X
X : Don't Care
RSTC
RESET Complete Bit. This bit is set to '1' on power-up or reset. This bit can be cleared by writing
'0' to this location. The host cannot set this bit to '1'. This bit allows the host to determine if the
part has been configured after power-up, or if a reset has occurred to the AMC7823 without
knowledge of the host.
DAVF
ADC Data Available Flag. For direct-mode only. Always cleared (set to '0') in auto-mode (see ADC
Control Register).
DAVF = 1: The ADC conversions are complete and new data are available.
DAVF = 0: The ADC conversion is in progress (data is not ready) or the ADC is in Auto-Mode.
In direct-mode, bit DAVF sets the pin DAV. DAV goes low when DAVF = 1, and goes high when
DAVF = 0. In auto-mode, DAVF is always cleared to '0'. However, a 2-
µs pulse (active low)
appears on the DAV pin when the input with ending address [EA3:EA0] is converted. DAVF is
cleared to '0' in one of three ways: (1) reading the ADC Data Register; (2) starting a new ADC
conversion; or (3) writing '0' to this bit.
Bit 12
Read-only. Always '0'.
SREF
Select Reference bit.
SREF = 0 (default condition): The internal reference is selected as the chip reference. It is
connected to pin 21, EXT_REF_IN, by a 10-k
Ω resistor.
SREF = 1: The internal reference is de-selected and disconnected from pin 21 (EXT_REF_IN).
Pin 21 floats unless an external reference is applied. Always set SREF bit to '1' when an external
reference is applied; otherwise, the external reference must sink or source current. The current
value is the voltage difference between the external and internal reference divided by a 10-k
Ω
resistance.
SREF also provides information to the precision current source and is used to configure that
source (see the Precision Current Source section for details). After power-on or reset, SREF is
cleared to '0'.
GREF
Gain of the internal reference voltage (VREF). This bit selects one of two preset values for the
internal reference voltage, but has no effect on the external reference. GREF also provides
information to the precision current source and is used to configure that source (see the Precision
Current Source section for details).
GREF = 0: The internal reference voltage is +1.25 V.
GREF = 1: The internal reference voltage is +2.5 V.
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com