Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 23Page - Texas Instruments AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments AMC7823 Datasheet HTML 27Page - Texas Instruments AMC7823 Datasheet HTML 28Page - Texas Instruments AMC7823 Datasheet HTML 29Page - Texas Instruments AMC7823 Datasheet HTML 30Page - Texas Instruments AMC7823 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
www.ti.com
ON-CHIP TEMPERATURE SENSOR
SW2
SW1
I (10 A)
2
m
I (750 A)
1
m
Diode Temperature
Sensor
ADC
CH8 (TEMP)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
The AMC7823 has an integrated temperature sensor to measure the on-chip temperature. This measurement
relies on the characteristics of a semiconductor p-n junction operating at a known current level. The forward
voltage of the diode (VBE) depends on the current passing through it and the junction temperature.
Channel CH8 is dedicated to the on-chip temperature sensor. When CH8 is converted, the on-chip temperature
measurement process is activated. Two measurements, and therefore two ADC conversions, are required to
capture the temperature data. First, the diode is driven by current I1 (750 µA) and the forward voltage VBE1 is
measured. Next, the diode is driven by current I2 (10 µA) and VBE2 is measured. The difference of these two
voltages,
∆V
BE, is stored in the ADC-8 Data Register as straight binary code. See Figure 46.
NOTE: When CH8 is converted, two conversions are performed. During the first conversion, SW1 is turned on, SW2 is off,
and the diode is driven by I1 (750 µA). During the second conversion, SW2 is turned on, SW1 is off, and the diode is
driven by I2 (10 µA).
Figure 46. Local Temperature Sensor Operation
In direct-mode operation, the temperature can be measured by converting Channel CH8 only, or by converting
several channels including Channel CH8. In auto-mode, the temperature must be measured by converting at
least two channels including Channel CH8.
The following equations illustrate the corresponding temperature calculation process:
∆V
BE (mV) = decimal code (convert from ADC-8 Data Register binary code) × 1.22 mV for VREF = 2.5 V
or
∆V
BE (mV) = decimal code (convert from ADC-8 Data Register binary code) × 0.61 mV for VREF = 1.25 V.
Temp (°K) = 2.6 ×
∆V
BE (mV)
or
Temp (°C) = 2.6 ×
∆V
BE (mV) – 273°K.
The resolution of this calculation is 3.2°C/LSB when the reference voltage is 2.5 V and 1.6°C/LSB for a reference
voltage of 1.25 V.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com