Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 3 Page - Texas Instruments

  AMC7823 Datasheet HTML 1Page - Texas Instruments AMC7823 Datasheet HTML 2Page - Texas Instruments AMC7823 Datasheet HTML 3Page - Texas Instruments AMC7823 Datasheet HTML 4Page - Texas Instruments AMC7823 Datasheet HTML 5Page - Texas Instruments AMC7823 Datasheet HTML 6Page - Texas Instruments AMC7823 Datasheet HTML 7Page - Texas Instruments AMC7823 Datasheet HTML 8Page - Texas Instruments AMC7823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: +5 V
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
At –40°C to +85°C, AV
DD = 5 V, DVDD = 5 V, BVDD = 3 V to 5 V, using external 2.5-V reference (unless otherwise noted).
AMC7823
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADC ANALOG INPUTS
Input voltage range
0
2 × VREF
V
Input impedance
5
M
Ω
Input capacitance
15
pF
Input leakage current
±1
µA
ANALOG-TO-DIGITAL CONVERTER
Resolution
12
Bits
No missing codes
12
Bits
Integral linearity
±1
LSB(1)
Differential linearity
±1
LSB
Offset error
±2
LSB
Offset error drift
±4
ppmFS/°C
Offset error match
0.5
1
LSB
Gain error
±6
LSB
Gain error match
0.3
1
LSB
Noise
70
µVRMS
Power-supply rejection
AVDD = 5 V ±5%
70
dB
Throughput rate
200
kHz
Total conversion time
Scan Channels 0 through 7
45
µs
Total conversion time including temperature
Scan Channels 0 through 8
56
µs
Channel-to-channel isolation
VIN = 5 VPP at 10 kHz
0.5
LSB
DIGITAL-TO-ANALOG CONVERTER(2)
Output voltage range
Programmable
0
2 × VREF
V
Output current
Refer to Typical Characteristics
±1
mA
Resolution
12
Bits
Integral linearity(3)
±2
±8
LSB
Monotonicity
12
Bits
Differential linearity
±0.2
±1
LSB
Output range = 0 to VREF
±0.5
±5
mV
Offset error
Output range = 0 to 2 x VREF
±1
±10
mV
Offset error drift
±4
ppmFS/°C
Gain error
Output range = 0 to 2 x VREF
±0.3
±1.0
%FS
Step between code 0x400 to 0xC00,
Settling time
2
µs
to ±1 LSB
Code change glitch
1 LSB change, in worst case
20
nV-s
Overshoot
Step between code 0x400 to 0xC00
200
mV
Crosstalk
Step between code 0x400 to 0xC00
< 0.5
LSB
Sine wave (1 kHz, 5 VPP) generated by
Signal-to-noise ratio
DAC, sampling at 400 kSPS,
74
dB
RL = 10 kΩ, CL = 100 pF.
Output buffer gain = 2
60
nV/
√Hz
Output noise voltage density
Output buffer gain = 1
30
nV/
√Hz
(1)
LSB means least significant bit.
(2)
DAC is tested with load of 25 k
Ω in parallel with 100 pF to ground.
(3)
Measured from code 0x008 to 0xFFF.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com