Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 21Page - Texas Instruments AMC7823 Datasheet HTML 22Page - Texas Instruments AMC7823 Datasheet HTML 23Page - Texas Instruments AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments AMC7823 Datasheet HTML 27Page - Texas Instruments AMC7823 Datasheet HTML 28Page - Texas Instruments AMC7823 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
www.ti.com
WRITE ADC
CONTROL Register
WRITE ADC
CONTROL Register
1st Internal
Trigger
2nd Internal
Trigger
1st Conversions,
[SA3:SA0] to [EA3:EA0]
2nd Conversions,
[SA3:SA0] to [EA3:EA0]
SS
MOSI
DAV
1st Round of
Conversions,
[SA3:SA0] to [EA3:EA0]
Internal Trigger
WRITE ADC
CONTROL Register
2nd Round of
Conversions,
[SA3:SA0] to [EA3:EA0]
SS
MOSI
DAV
2 s
m
1st Trigger
1st Conversions, of
Analog Inputs, From
[SA3:SA0] to [EA3:EA0]
2nd Conversions,
[SA3:SA0] to [EA3:EA0]
Rising Edge
Starts Conversions
2nd Trigger
3rd Trigger
3rd Conversions,
[SA3:SA0] to [EA3:EA0]
CONVERT
DAV
Analog Input Out-of-Range Detection (see Analog Input Out-of-Range Alarm Section)
Full-Scale Range of Analog Input
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
Figure 42. Internal Trigger, Direct-Mode
Figure 43. Internal Trigger, Auto-Mode
Figure 44. External Trigger
The first four analog inputs of the group defined by the bits [SA3:SA0] and [EA3:EA0] are implemented with
out-of-range detection. When an input is out of the preset range, the corresponding alarm flag, bit ALR-n of the
ALR (Alarm) Register is set. If any of the four inputs are out of range, the global out-of-range pin GALR goes low.
Four GPIO pins (GPIO-0, GPIO-1, GPIO-2 and GPIO-3) can be configured as out-of-range indicators for each of
the first four analog inputs. See the Analog Input Out-of-Range Alarm and Digital I/O sections for more details.
The full-scale range of the analog input is 2 × VREF, but must not exceed the supply value AVDD. Input saturation
can occur if the analog input exceeds this value.
The internal reference or an externally applied reference may be used as VREF. The bit SREF in the AMC
Status/Configuration Register controls the selection of the internal reference. When SREF = 0 (power-up default
condition), the internal reference is selected and is internally applied through a 10-k
Ω resistor to pin 21. When
SREF = 1, the internal reference is disconnected from pin 21, and an external reference may be applied. See
Figure 48.
Table 4 shows the configuration of the ADC input range.
Table 4. Configuration of ADC Input Range
BIT
BIT
ADC INPUT
GREF
SREF
RANGE
DESCRIPTION
0
0
0 to 2.5 V
Internal reference, 1.25 V
1
0
0 to 5 V
Internal reference, 2.5 V, AVDD = 5 V only
Don't
External reference VREF. 2 × VREF must not be greater than AVDD.
1
0 to 2 × VREF
care
Set SREF = 1 when applying external reference.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com