Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments AMC7823 Datasheet HTML 27Page - Texas Instruments AMC7823 Datasheet HTML 28Page - Texas Instruments AMC7823 Datasheet HTML 29Page - Texas Instruments AMC7823 Datasheet HTML 30Page - Texas Instruments AMC7823 Datasheet HTML 31Page - Texas Instruments AMC7823 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
www.ti.com
DAC OPERATION (see DAC-n Data Registers and DAC Configuration Register)
DAC-0
Data
Data from
Host
DAC-0
Latch
DAC-0
Bit GDAC-0
(DAC Configuration Register)
DAC-7
Bit SLDA- of DAC Configuration Register determines
when DAC-n Latch is loaded with the value of
DAC-n Data Register.
n
Gain = 2 if GDAC-0 = 1
Gain = 1 if GDAC-0 = 0
V
OUT0
V
Range: 0
V
x Gain
OUT
REF
-
Bit PDAC-0
(Power-Down bit in Power-Down
Register; see (1) )
Data to Host
when Read
External ELDAC
Internal ILDAC
BB00h
DAC-7
Data
Bit GDAC−7
Synchronous
Loading Signal
Bit PDAC-7 (Power-Down bit
in Power-Down Register)
5 kW
SLDA- = 1: Latch is loaded when Synchronous
Loading signal occurs; synchronous loading
n
SLDA- = 0: Latch is loaded immediately after
DAC- Data register is written; asynchronous loading
n
n
Load DAC
Register
Loads all DAC- latches when corresponding SLDA- is set to ‘1’.
Does not affect DAC- when SLDA- is cleared to ‘0’.
n
n
n
n
Double-Buffered Data Register
Synchronous Load, Asynchronous Load, and Output Updating
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
AMC7823 has eight double-buffered DACs. The outputs of the DACs can be updated synchronously or
individually (asynchronously). Figure 47 illustrates the generic DAC structure.
(1)
When PDAC-n = 0, DAC-n is in power-down mode; the output buffer of DAC-n connects to ground through a 5-k
Ω
load.
Figure 47. DAC Structure
All eight DAC data registers are double-buffered. Each DAC has an internal latch preceded by an input register.
Data is initially written to an individual DAC-n Data register and then transferred to its corresponding DAC-n
Latch. When the DAC-n Latch is updated, the output of DAC-n changes to the newly set value. When the host
reads the register memory map location labeled DAC-n Data, the value held in the DAC-n Latch is returned (not
the value held in the input DAC-n Data Register).
The DAC latches can be updated synchronously or asynchronously. The bit SLDA-n (Synchronous Load) of the
DAC Configuration Register is used to specify the DAC updating mode.
Asynchronous mode is active when SLDA-n is cleared to '0'. Immediately after writing to the DAC-n Data
Register, its data is transferred to the corresponding DAC-n Latch Register, and the output of DAC-n changes
accordingly.
Synchronous mode is selected when the bit SLDA-n is set to '1'. The value of the DAC-n Data Register is
transferred to the DAC-n Latch only after an active DAC synchronous loading signal occurs, which immediately
updates the DAC-n output. Under synchronous loading operation, writing data into a DAC-n Data Register
changes only the value in that register, but not the content of DAC-n Latch nor the output of DAC-n, until the
synchronous load signal occurs.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com