Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 13Page - Texas Instruments AMC7823 Datasheet HTML 14Page - Texas Instruments AMC7823 Datasheet HTML 15Page - Texas Instruments AMC7823 Datasheet HTML 16Page - Texas Instruments AMC7823 Datasheet HTML 17Page - Texas Instruments AMC7823 Datasheet HTML 18Page - Texas Instruments AMC7823 Datasheet HTML 19Page - Texas Instruments AMC7823 Datasheet HTML 20Page - Texas Instruments AMC7823 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
www.ti.com
5V
DAC Output
AVDD, DVDD,
BVDD, RESET
0V
0V
Time (100
µs/div)
TYPICAL CHARACTERISTICS: PRECISION CURRENT SOURCE
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
−50
−25
0
25
50
75
100
Temperature (
_C)
AV
DD / VREF = 5V / 2.5V
or 3V / 1.25V
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
−0.6
−0.7
−0.8
−0.9
−1.0
−1.1
−1.2
4.00
4.25
4.5
4.75
5.0
Compliance Voltage (V)
AV
DD = 5V
V
REF = 2.5V
10mA (nom)
1mA (nom)
10
µA (nom)
100
µA (nom)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS: DIGITAL-TO-ANALOG CONVERTER (DAC) (continued)
At +25
°C, AV
DD = DVDD = 5V, unless otherwise noted.
DAC POWER-ON RESET
TO 0V
Figure 33.
At +25
°C, AV
DD = DVDD = 5V, unless otherwise noted.
100
µA CURRENT SOURCE
PRECISION_I_OUTPUT vs
vs TEMPERATURE
COMPLIANCE VOLTAGE
Figure 34.
Figure 35.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com