Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 29Page - Texas Instruments AMC7823 Datasheet HTML 30Page - Texas Instruments AMC7823 Datasheet HTML 31Page - Texas Instruments AMC7823 Datasheet HTML 32Page - Texas Instruments AMC7823 Datasheet HTML 33Page - Texas Instruments AMC7823 Datasheet HTML 34Page - Texas Instruments AMC7823 Datasheet HTML 35Page - Texas Instruments AMC7823 Datasheet HTML 36Page - Texas Instruments AMC7823 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
www.ti.com
I
OUTPUT
+
V
SET
R
SET
+
V
REF
0.4
1)GREF
R
SET
(1)
DIGITAL I/O (See AMC Status/Configuration Register)
GALR Pin
Bit ALR−0
Bit ALR−1
Bit ALR−2
Bit ALR−3
DAV Pin
DAV Pin
DAV Pin in Direct Mode
Bit DAVF of AMC
Status / Configuration
Register
DAV Pin in Auto-Mode
[EA3:EA0] is
Converted
2-
µs Pulse
Generator
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
Table 7. Precision Current Source Configuration
SREF
PTS
PREFB
GREF
IO
0
0
Don't care
Don't care
0
0
1
0
1
0
0
1
Don't care
0
0.5V/RSET(1)
0
1
1
1
0.5V/RSET(1)
1
0
Don't care
Don't care
0
1
1
0
1(2)
0
1
1
Don't care
0(2)
Equation 1
1
1
1
1(2)
Equation 1
(1)
VSET = 0.5 V.
(2)
Make GREF = 1 for 2.5-V external reference; make GREF = 0 for 1.25-V external reference.
When an external reference is used, select a reference value (VREF) close to either 1.25 V or 2.5 V, and write bit
GREF low ('0') for a 1.25-V reference, or write it high ('1') for a 2.5-V reference. These settings make a better
match to the applied external reference value. The output current can be calculated by Equation 1:
The applied external reference voltage may deviate from the recommended values, but it is important to limit the
maximum voltage applied to the set resistor to approximately 0.5 V. Voltages greater than 0.5 V across the set
resistor reduce the specified compliance of the current source to the load.
The AMC7823 has four special function pins: DAV, GALR, ELDAC, and CONVERT, It also has six general I/O
pins (GPIO-n). The GPIO-n pins are used as general digital I/O or analog input out-of-range indicators.
The pin DAV is an output pin that indicates the completion of ADC conversions. Bit DAVF of the AMC
Status/Configuration Register determines the status of the DAV pin. In direct-mode, after the selected group of
input channels has been converted and the ADC has been halted, bit DAVF is set to '1' and pin DAV is driven to
logic low (active). In auto-mode, each time the group of input channels has been sequentially converted, a 2-
µs
pulse (low) appears on the DAV pin after the last channel of the group is converted. This conversion sequence is
repeated and the pulse is repeated.
The GALR pin is an output pin that indicates whether any of the first four analog inputs being converted are
out-of-range. Bits ALR-n of the ALR Register determine the status of GALR pin. GALR is low (or active) if any
one of the bits ALR-n is set to '1'. GALR is high (inactive) if and only if all bits are cleared to '0'. See Figure 50.
Figure 50. DAV Pin and GALR Pin
The CONVERT pin is an input pin for the external ADC trigger signal. When bit ECNVT of the AMC
Status/Configuration Register is set to '1', the AMC7823 works in external trigger mode. The rising edge of
CONVERT starts the ADC conversion.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com