Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 19Page - Texas Instruments AMC7823 Datasheet HTML 20Page - Texas Instruments AMC7823 Datasheet HTML 21Page - Texas Instruments AMC7823 Datasheet HTML 22Page - Texas Instruments AMC7823 Datasheet HTML 23Page - Texas Instruments AMC7823 Datasheet HTML 24Page - Texas Instruments AMC7823 Datasheet HTML 25Page - Texas Instruments AMC7823 Datasheet HTML 26Page - Texas Instruments AMC7823 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
www.ti.com
ADC OPERATION (See AMC Status/Configuration Register and ADC Control Register)
ADC−0
TMPRY
ADC−0
DATA
ADC
CH0
CH3
CH7
MUX
Double-Buffered
ADC Data Register
After conversion of CH- finished,
n
ADC- TMPRY register is updated
n
immediately.
TMPRY register is a temporary register
.
All ADC- DA
n
TA registers are
updated simultaneously when the
conversion of the last channel
selected is completed. (1)
CMOD of ADC Control Register defines
conversion mode.
For Direct-Mode (CMOD = 0), each channel
being converted is accessed one time after
triggered.
For Auto-Mode (CMOD = 1), all channels
being converted are accessed repeatedly
after triggered.
External trigger works in Direct-Mode only.
Bit ECNVT of AMC Status and Configuration Register
selects the trigger signal.
ECNVT = 1, Rising Edge of External CONVERT triggers ADC
ECNVT = 0, Writing ADC Control Register triggers ADC
Bit DAVF, Pin DAV
Bit DAVF and Pin
indicate new data available.
DAV
ADC−6
TMPRY
ADC−6
DATA
Out-of-Range Alarm of
first four inputs being
converted
CONVERT, External
Internal Trigger generated by
Writing ADC Control Register
Bit ECNVT
Bit GREF, effective for
Internal Reference only (2)
To Shifter
Register
To Shift
Register
ADC−7
TMPRY
ADC−7
DATA
ADC−8
TMPRY
ADC−8
DATA
CH8
(temperature)
0
1
Out-of-Range
ALARM
After ADC- Data are Updated, DA
n
VF is set to ‘1’.
Pin
Goes Low (Direct-Mode) or Sends 2 s
DAV
m
Pulse (Auto-Mode). Refer to Figure 42, Figure 43 and
Figure 44.
ADC Trigger Signals (see AMC Status/Configuration Register)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
(1)
To avoid conflict, the data is not loaded into ADC-n data register from ADC-n temporary register until the data transfer
from the ADC-n data register to the shift register (if any) finishes.
(2)
When the internal reference is selected, the bit GREF determines the input range: GREF = 0, 0 to 2.5 V; GREF = 1, 0
to 5 V (for 5-V supply only). When an external reference is selected, the input range is 0 to 2 × VREF. The input
cannot be above AVDD.
Figure 41. ADC Structure
The ADC has nine analog inputs. Channels CH0 through CH7 receive external analog inputs. CH8 is dedicated
to the on-chip temperature sensor (see On-chip Temperature Sensor section).
The ADC can be triggered externally (external trigger mode) or internally (internal trigger mode). Bit ECNVT
(Enable CONVERT) of the AMC Status/Configuration Register determines which mode is used. When ECNVT is
set to '1', the ADC works in external trigger mode and the rising edge of the external signal CONVERT initiates
data conversion. When ECNVT is cleared to '0', the ADC is in internal trigger mode, and writing to the ADC
Control Register initiates conversion.
After the ADC is triggered, a group of analog inputs (up to nine channels may be specified) are multiplexed and
each channel is converted. The starting and ending addresses of the group of channels are specified by the bits
[SA3:SA0] and [EA3:EA0], respectively, in the ADC Control Register (see ADC Control Register for details). The
specified channels are converted sequentially from the starting to ending address, according to Table 12, the
Analog Input Channel Address Map. If the ending address is equal to or smaller than the starting address, only
the starting address channel is converted.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com