Electronic Components Datasheet Search
  English  ▼

X  

AMC7823 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC7823 Datasheet HTML 40Page - Texas Instruments AMC7823 Datasheet HTML 41Page - Texas Instruments AMC7823 Datasheet HTML 42Page - Texas Instruments AMC7823 Datasheet HTML 43Page - Texas Instruments AMC7823 Datasheet HTML 44Page - Texas Instruments AMC7823 Datasheet HTML 45Page - Texas Instruments AMC7823 Datasheet HTML 46Page - Texas Instruments AMC7823 Datasheet HTML 47Page - Texas Instruments AMC7823 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
www.ti.com
Power-Down Register (Read/Write)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
NOTE: After power-on or reset, all bits in the Power-Down Register are cleared to '0', and all the components
controlled by this register are in the powered-down or Off state. To avoid loss of alarm data during power-down
of the ADC, change to direct conversion mode (see ADC Control Register) before power-down and do not issue
a convert command while the ADC is powered down.
The Power-Down Register allows the host to manage power dissipation of the AMC7823. When not required, the
ADC, the precision current source, the reference buffer amplifier or any of the DACs may be put in power-down
mode to reduce current drain from the supply. Bits in the Power-Down Register control this power-down function.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
PADC
PDAC7
PDAC6
PDAC5
PDAC4
PDAC3
PDAC2
PDAC1
PDAC0
PTS
PREFB
X
X
X
X
X
X : Don't Care
PADC
ADC power-down control bit.
PADC = 0: The ADC is in power-down mode and ADC conversion is halted.
PADC = 1: The ADC is in normal operating mode.
PDAC- n
DAC-n output buffer amplifier power-down control bit.
(n = 0, 1, 2, 3, 4, 5, 6, 7)
PDAC-n = 0: DAC-n output buffer amplifier is in power-down mode. The output pin
of DAC-n is internally switched from the buffer output to analog ground through an
internal 5-k
Ω resistor. Each DAC output buffer may be independently powered
down. (See the DAC Operation section for details.)
PDAC-n = 1 and PREFB = 1: DAC-n is in normal operating mode.
PTS
Precision current source power-down control bit.
PTS = 0: Precision current source is in power-down mode and the current output is
zero.
PTS = 1: Precision current source is in normal operating mode (see the Precision
Current Source section for details).
PREFB
Reference buffer amplifier power-down control bit. This bit controls the power-down
condition of the amplifier that supplies a buffered reference voltage to all DAC-n
resistor strings and to the precision current source. This bit also provides
configuration information to the precision current source (see the Precision Current
Source Configuration table, Table 7).
PREFB = 0: Reference buffer amplifier is in power-down mode. All DACs are
inoperative. The precision current source may be used only if GREF = 0 (see the
Precision Current Source Configuration table, Table 7).
PREFB = 1: Reference buffer amplifier is powered on. This mode is required for any
DAC-n operation. The precision current source may be used with either value of
GREF.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com