Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 314 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 314 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 310Page - Nuvoton Technology Corporation M263 Datasheet HTML 311Page - Nuvoton Technology Corporation M263 Datasheet HTML 312Page - Nuvoton Technology Corporation M263 Datasheet HTML 313Page - Nuvoton Technology Corporation M263 Datasheet HTML 314Page - Nuvoton Technology Corporation M263 Datasheet HTML 315Page - Nuvoton Technology Corporation M263 Datasheet HTML 316Page - Nuvoton Technology Corporation M263 Datasheet HTML 317Page - Nuvoton Technology Corporation M263 Datasheet HTML 318Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 314 of 398
Rev 1.02
6.16
UART Interface Controller (UART)
6.16.1
Overview
The chip provides six channels of Universal Asynchronous Receiver/Transmitters (UART). The UART
controller performs Normal Speed UART and supports flow control function. The UART controller
performs a serial-to-parallel conversion on data received from the peripheral and a parallel-to-serial
conversion on data transmitted from the CPU. Each UART controller channel supports ten types of
interrupts. The UART controller also supports IrDA SIR, LIN and RS-485 function modes and auto-
baud rate measuring function.
6.16.2
Features
Full-duplex asynchronous communications
Separates receive and transmit 16/16 bytes entry FIFO for data payloads
Supports hardware auto-flow control
Programmable receiver buffer trigger level
Supports programmable baud rate generator for each channel individually
Supports nCTS, incoming data, Received Data FIFO reached threshold and RS-485
Address Match (AAD mode) wake-up function
Supports 8-bit receiver buffer time-out detection function
Programmable transmitting data delay time between the last stop and the next start bit by
setting DLY (UART_TOUT [15:8])
Supports Auto-Baud Rate measurement and baud rate compensation function
–
Support 9600 bps for UART_CLK is selected LXT.
Supports break error, frame error, parity error and receive/transmit buffer overflow
detection function
Fully programmable serial-interface characteristics
–
Programmable number of data bit, 5-, 6-, 7-, 8- bit character
–
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
–
Programmable stop bit, 1, 1.5, or 2 stop bit generation
Supports IrDA SIR function mode
–
Supports for 3/16 bit duration for normal mode
Supports LIN function mode (Only UART0 /UART1 with LIN function)
–
Supports LIN master/slave mode
–
Supports programmable break generation function for transmitter
–
Supports break detection function for receiver
Supports RS-485 function mode
–
Supports RS-485 9-bit mode
–
Supports hardware or software enables to program nRTS pin to control RS-485
transmission direction
Supports PDMA transfer function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com