Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 312 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 312 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 308Page - Nuvoton Technology Corporation M263 Datasheet HTML 309Page - Nuvoton Technology Corporation M263 Datasheet HTML 310Page - Nuvoton Technology Corporation M263 Datasheet HTML 311Page - Nuvoton Technology Corporation M263 Datasheet HTML 312Page - Nuvoton Technology Corporation M263 Datasheet HTML 313Page - Nuvoton Technology Corporation M263 Datasheet HTML 314Page - Nuvoton Technology Corporation M263 Datasheet HTML 315Page - Nuvoton Technology Corporation M263 Datasheet HTML 316Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 312 of 398
Rev 1.02
6.14
Quadrature Encoder Interface (QEI)
6.14.1
Overview
There are two Quadrature Encoder Interfaces (QEI) QEI controllers in this device. The QEI decodes
speed of rotation and motion sensor information and can be used in any application that uses a
quadrature encoder for feedback.
6.14.2
Features
6.14.2.1
Quadrature Encoder Interface (QEI) Features
Up to two QEI controllers, QEI0 and QEI1.
Two QEI phase inputs, QEA and QEB; One Index input.
A 32-bit up/down Quadrature Encoder Pulse Counter (QEI_CNT)
A 32-bit software-latch Quadrature Encoder Pulse Counter Hold Register
(QEI_CNTHOLD)
A 32-bit Quadrature Encoder Pulse Counter Index Latch Register (QEI_CNTLATCH)
A 32-bit Quadrature Encoder Pulse Counter Compare Register (QEI_CNTCMP) with a
Pre-set Maximum Count Register (QEI_CNTMAX)
One QEI control register (QEI_CTL) and one QEI Status Register (QEI_STATUS)
Four Quadrature encoder pulse counter operation modes
–
Support x4 free-counting mode
–
Support x2 free-counting mode
–
Support x4 compare-counting mode
–
Support x2 compare-counting mode
Encoder Pulse Width measurement mode
Input frequency of QEA/QEB/IDX without noise filter must be lower than PCLK/4
Input frequency of QEA/QEB/IDX with noise filter must be lower than Noise Filter Clk/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com