Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 309 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 309 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 305Page - Nuvoton Technology Corporation M263 Datasheet HTML 306Page - Nuvoton Technology Corporation M263 Datasheet HTML 307Page - Nuvoton Technology Corporation M263 Datasheet HTML 308Page - Nuvoton Technology Corporation M263 Datasheet HTML 309Page - Nuvoton Technology Corporation M263 Datasheet HTML 310Page - Nuvoton Technology Corporation M263 Datasheet HTML 311Page - Nuvoton Technology Corporation M263 Datasheet HTML 312Page - Nuvoton Technology Corporation M263 Datasheet HTML 313Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 309 of 398
Rev 1.02
6.12
EPWM Generator and Capture Timer (EPWM)
6.12.1
Overview
The chip provides two EPWM generators - EPWM0 and EPWM1. Each EPWM supports 6 channels
of EPWM output or input capture. There is a 12-bit prescaler to support flexible clock to the 16-bit
EPWM counter with 16-bit comparator. The EPWM counter supports up, down and up-down counter
types. EPWM uses comparator compared with counter to generate events. These events use to
generate EPWM pulse, interrupt and trigger signal for EADC/DAC to start conversion.
The EPWM generator supports two standard EPWM output modes: Independent mode and
Complementary mode, they have difference architecture. There are two output functions based on
standard output modes: Group function and Synchronous function. Group function can be enabled
under Independent mode or complementary mode. Synchronous function only enabled under
complementary mode. Complementary mode has two comparators to generate various EPWM pulse
with 12-bit dead-time generator and another free trigger comparator to generate trigger signal for
EADC. For EPWM output control unit, it supports polarity output, independent pin mask and brake
functions.
The EPWM generator also supports input capture function. It supports latch EPWM counter value to
corresponding register when input channel has a rising transition, falling transition or both transition is
happened. Capture function also support PDMA to transfer captured data to memory.
6.12.2
Features
6.12.2.1
EPWM Function Features
Supports maximum clock frequency up to maximum PLL frequency
Supports up to two EPWM modules, each module provides 6 output channels
Supports independent mode for EPWM output/Capture input channel
Supports complementary mode for 3 complementary paired EPWM output channel
–
Dead-time insertion with 12-bit resolution
–
Synchronous function for phase control
–
Two compared values during one period
Supports 12-bit prescaler from 1 to 4096
Supports 16-bit resolution EPWM counter
–
Up, down and up/down counter operation type
Supports one-shot or auto-reload counter operation mode
Supports group function
Supports synchronous function
Supports mask function and tri-state enable for each EPWM pin
Supports brake function
–
Brake source from pin, analog comparator and system safety events (clock failed,
SRAM parity error, Brown-out detection and CPU lockup).
–
Noise filter for brake source from pin
–
Leading edge blanking (LEB) function for brake source from analog comparator
–
Edge detect brake source to control brake state until brake interrupt cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com