Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 306 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 306 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 302Page - Nuvoton Technology Corporation M263 Datasheet HTML 303Page - Nuvoton Technology Corporation M263 Datasheet HTML 304Page - Nuvoton Technology Corporation M263 Datasheet HTML 305Page - Nuvoton Technology Corporation M263 Datasheet HTML 306Page - Nuvoton Technology Corporation M263 Datasheet HTML 307Page - Nuvoton Technology Corporation M263 Datasheet HTML 308Page - Nuvoton Technology Corporation M263 Datasheet HTML 309Page - Nuvoton Technology Corporation M263 Datasheet HTML 310Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 306 of 398
Rev 1.02
6.9
Watchdog Timer (WDT)
6.9.1
Overview
The Watchdog Timer (WDT) is used to perform a system reset when system runs into an unknown
state. This prevents system from hanging for an infinite period of time. Besides, this Watchdog Timer
supports the function to wake up system from Idle/Power-down mode.
6.9.2
Features
18-bit free running up counter for WDT time-out interval
Selectable time-out interval (2
4 ~ 218) and the time-out interval is 1.6 ms ~ 26.214 s if
WDT_CLK =
10 kHz.
System kept in reset state for a period of (1 / WDT_CLK) * 63
Supports selectable WDT reset delay period, including 1026, 130, 18 or 3 WDT_CLK
reset delay period
Supports to force WDT enabled after chip powered on or reset by setting CWDTEN[2:0]
in Config0 register
Supports WDT time-out wake-up function only if WDT clock source is selected as
10 kHz
or LXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com