| Electronic Components Datasheet Search |
|
M263 Datasheet(PDF) 318 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 Datasheet(HTML) 318 Page - Nuvoton Technology Corporation |
|
318 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 318 of 398 Rev 1.02 6.19 Serial Peripheral Interface (SPI) 6.19.1 Overview The Serial Peripheral Interface (SPI) applies to synchronous serial data communication and allows full duplex transfer. Devices communicate in Master/Slave mode with the 4-wire bi-direction interface. The M261/M262/M263 series contains up to four sets of SPI controllers performing a serial-to-parallel conversion on data received from a peripheral device, and a parallel-to-serial conversion on data transmitted to a peripheral device. Each SPI controller can be configured as a master or a slave device and supports the PDMA function to access the data buffer. Each SPI controller also supports I2S mode to connect external audio CODEC. 6.19.2 Features SPI Mode – Up to four sets of SPI controllers – Supports Master or Slave mode operation – Configurable bit length of a transaction word from 8 to 32-bit – Provides separate 4-level depth transmit and receive FIFO buffers – Supports MSB first or LSB first transfer sequence – Supports Byte Reorder function – Supports Byte or Word Suspend mode – Supports PDMA transfer – Supports one data channel half-duplex transfer – Supports receive-only mode I 2S Mode – Supports Master or Slave – Capable of handling 8-, 16-, 24- and 32-bit word sizes – Each provides two 4-level FIFO data buffers, one for transmitting and the other for receiving – Supports monaural and stereo audio data – Supports PCM mode A, PCM mode B, I 2S and MSB justified data format – Supports two PDMA requests, one for transmitting and the other for receiving |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |