Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 322 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 322 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 318Page - Nuvoton Technology Corporation M263 Datasheet HTML 319Page - Nuvoton Technology Corporation M263 Datasheet HTML 320Page - Nuvoton Technology Corporation M263 Datasheet HTML 321Page - Nuvoton Technology Corporation M263 Datasheet HTML 322Page - Nuvoton Technology Corporation M263 Datasheet HTML 323Page - Nuvoton Technology Corporation M263 Datasheet HTML 324Page - Nuvoton Technology Corporation M263 Datasheet HTML 325Page - Nuvoton Technology Corporation M263 Datasheet HTML 326Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 322 of 398
Rev 1.02
6.23
USCI
– UART Mode
6.23.1
Overview
The asynchronous serial channel UART covers the reception and the transmission of asynchronous
data frames. It performs a serial-to-parallel conversion on data received from the peripheral, and a
parallel-to-serial conversion on data transmitted from the controller. The receiver and transmitter being
independent, frames can start at different points in time for transmission and reception.
The UART controller also provides auto flow control. There are two conditions to wake-up the system.
6.23.2
Features
Supports one transmit buffer and two receive buffer for data payload
Supports hardware auto flow control function
Supports programmable baud-rate generator
Support 9-bit Data Transfer (Support 9-bit RS-485)
Baud rate detection possible by built-in capture event of baud rate generator
Supports PDMA capability
Supports Wake-up function (Data and nCTS Wakeup Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com