Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 326 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 326 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 322Page - Nuvoton Technology Corporation M263 Datasheet HTML 323Page - Nuvoton Technology Corporation M263 Datasheet HTML 324Page - Nuvoton Technology Corporation M263 Datasheet HTML 325Page - Nuvoton Technology Corporation M263 Datasheet HTML 326Page - Nuvoton Technology Corporation M263 Datasheet HTML 327Page - Nuvoton Technology Corporation M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation M263 Datasheet HTML 330Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 326 of 398
Rev 1.02
6.26
Controller Area Network (CAN)
6.26.1
Overview
The C_CAN consists of the CAN Core, Message RAM, Message Handler, Control Registers and
Module Interface. The CAN Core performs communication according to the CAN protocol version 2.0
part A and B. The bit rate can be programmed to values up to 1MBit/s. For the connection to the
physical layer, additional transceiver hardware is required.
For communication on a CAN network, individual Message Objects are configured. The Message
Objects and Identifier Masks for acceptance filtering of received messages are stored in the Message
RAM. All functions concerning the handling of messages are implemented in the Message Handler.
These functions include acceptance filtering, the transfer of messages between the CAN Core and the
Message RAM, and the handling of transmission requests as well as the generation of the module
interrupt.
The register set of the C_CAN can be accessed directly by the software through the module interface.
These registers are used to control/configure the CAN Core and the Message Handler and to access
the Message RAM.
6.26.2
Features
Supports CAN protocol version 2.0 part A and B
Bit rates up to 1 MBit/s
32 Message Objects
Each Message Object has its own identifier mask
Programmable FIFO mode (concatenation of Message Objects)
Maskable interrupt
Disabled Automatic Re-transmission mode for Time Triggered CAN applications
Programmable loop-back mode for self-test operation
16-bit module interfaces to the AMBA APB bus
Supports wake-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com