Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 327 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 327 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 323Page - Nuvoton Technology Corporation M263 Datasheet HTML 324Page - Nuvoton Technology Corporation M263 Datasheet HTML 325Page - Nuvoton Technology Corporation M263 Datasheet HTML 326Page - Nuvoton Technology Corporation M263 Datasheet HTML 327Page - Nuvoton Technology Corporation M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation M263 Datasheet HTML 330Page - Nuvoton Technology Corporation M263 Datasheet HTML 331Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 327 of 398
Rev 1.02
6.27
Secure Digital Host Controller (SDH)
6.27.1
Overview
The Secure Digital Host Controller (SD Host) has DMAC unit and SD unit. The DMAC unit provides a
DMA (Direct Memory Access) function for SD to exchange data between system memory and shared
buffer (128 bytes), and the SD unit controls the interface of SD/SDHC. The SDHOST controller can
support SD/SDHC and cooperated with DMAC to provide a fast data transfer between system memory
and cards.
6.27.2
Features
AMBA AHB master/slave interface compatible, for data transfer and register read/write.
Supports single DMA channel.
Supports hardware Scatter-Gather function.
Using single 128 Bytes shared buffer for data exchange between system memory and
cards.
Synchronous design for DMA with single clock domain, AHB bus clock (HCLK).
Interface with DMAC for register read/write and data transfer.
Supports SD/SDHC card.
Completely asynchronous design for Secure Digital with two clock domains, HCLK and
Engine clock, note that frequency of HCLK should be higher than the frequency of
peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com