Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 330 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 330 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 326Page - Nuvoton Technology Corporation M263 Datasheet HTML 327Page - Nuvoton Technology Corporation M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation M263 Datasheet HTML 330Page - Nuvoton Technology Corporation M263 Datasheet HTML 331Page - Nuvoton Technology Corporation M263 Datasheet HTML 332Page - Nuvoton Technology Corporation M263 Datasheet HTML 333Page - Nuvoton Technology Corporation M263 Datasheet HTML 334Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 330 of 398
Rev 1.02
6.30
USB 1.1 Host Controller (USBH)
6.30.1
Overview
This chip is equipped with a USB 1.1 Host Controller (USBH) that supports Open Host Controller
Interface (OpenHCI, OHCI) Specification, a register-level description of a host controller, to manage
the devices and data transfer of Universal Serial Bus (USB).
The USBH supports an integrated Root Hub with a USB port, a DMA for real-time data transfer
between system memory and USB bus, port power control and port over current detection.
The USBH is responsible for detecting the connect and disconnect of USB devices, managing data
transfer, collecting status and activity of USB bus, providing power control and detecting over current
of attached USB devices.
6.30.2
Features
Compliant with Universal Serial Bus (USB) Specification Revision 1.1.
Supports Open Host Controller Interface (OpenHCI) Specification Revision 1.0.
Supports both full-speed (12Mbps) and low-speed (1.5Mbps) USB devices.
Supports Control, Bulk, Interrupt and Isochronous transfers.
Supports an integrated Root Hub.
Supports a USB host port shared with USB device (OTG function).
Supports port power control and port over current detection.
Supports DMA for real-time data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com