Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 331 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 331 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 327Page - Nuvoton Technology Corporation M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation M263 Datasheet HTML 330Page - Nuvoton Technology Corporation M263 Datasheet HTML 331Page - Nuvoton Technology Corporation M263 Datasheet HTML 332Page - Nuvoton Technology Corporation M263 Datasheet HTML 333Page - Nuvoton Technology Corporation M263 Datasheet HTML 334Page - Nuvoton Technology Corporation M263 Datasheet HTML 335Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 331 of 398
Rev 1.02
6.31
USB On-The-Go (OTG)
6.31.1
Overview
The OTG controller interfaces to USB PHY and USB controllers which consist of a USB 1.1 host
controller and a USB 2.0 FS device controller. The OTG controller supports HNP and SRP protocols
defined in the “On-The-Go and Embedded Host Supplement to the USB 2.0 Revision 2.0
Specification”.
USB frame, including USB host, USB device, and OTG controller, can be configured as Host-only,
Device-only, ID-dependent or OTG Device mode defined in USBROLE (SYS_USBPHY[1:0]). In Host-
only mode, USB frame acts as USB host. USB frame can support both full-speed and low-speed
transfer. In Device-only mode, USB frame acts as USB device. USB frame only supports full-speed
transfer. In ID-dependent mode, USB frame can be USB Host or USB device depending on
USB_OTG_ID pin state. In OTG device mode, the role of USB frame depends on the definition of
OTG specification. USB frame only supports full-speed transfer when OTG device acts as a
peripheral.
6.31.2
Features
Built in USB PHY
Configurable to operate as:
–
Host-only
–
Device-only
–
ID-dependent: The role of USB frame is only dependent on USB_OTG_ID pin value--as
USB Host (USB_OTG_ID pin is low) or USB Device (USB_OTG_ID pin is high). Not
support HNP or SRP protocol.
–
OTG device: dependent on USB_OTG_ID pin status to be A-device (USB_OTG_ID pin is
low) or B-device (USB_OTG_ID pin is high). Support HNP and SRP protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com