Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 332 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 332 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation M263 Datasheet HTML 330Page - Nuvoton Technology Corporation M263 Datasheet HTML 331Page - Nuvoton Technology Corporation M263 Datasheet HTML 332Page - Nuvoton Technology Corporation M263 Datasheet HTML 333Page - Nuvoton Technology Corporation M263 Datasheet HTML 334Page - Nuvoton Technology Corporation M263 Datasheet HTML 335Page - Nuvoton Technology Corporation M263 Datasheet HTML 336Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 332 of 398
Rev 1.02
6.32
CRC Controller (CRC)
6.32.1
Overview
The Cyclic Redundancy Check (CRC) generator can perform CRC calculation with four common
polynomials CRC-CCITT, CRC-8, CRC-16, and CRC-32 settings.
6.32.2
Features
Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and CRC-32
–
CRC-CCITT: X
16 + X12 + X5 + 1
–
CRC-8: X
8 + X2 + X + 1
–
CRC-16: X
16 + X15 + X2 + 1
–
CRC-32: X
32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1
Programmable seed value
Supports programmable order reverse setting for input data and CRC checksum
Supports programmable 1’s complement setting for input data and CRC checksum
Supports 8/16/32-bit of data width
–
8-bit write mode: 1-AHB clock cycle operation
–
16-bit write mode: 2-AHB clock cycle operation
–
32-bit write mode: 4-AHB clock cycle operation
Supports using PDMA to write data to perform CRC operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com