Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 325 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 325 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 321Page - Nuvoton Technology Corporation M263 Datasheet HTML 322Page - Nuvoton Technology Corporation M263 Datasheet HTML 323Page - Nuvoton Technology Corporation M263 Datasheet HTML 324Page - Nuvoton Technology Corporation M263 Datasheet HTML 325Page - Nuvoton Technology Corporation M263 Datasheet HTML 326Page - Nuvoton Technology Corporation M263 Datasheet HTML 327Page - Nuvoton Technology Corporation M263 Datasheet HTML 328Page - Nuvoton Technology Corporation M263 Datasheet HTML 329Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 325 of 398
Rev 1.02
6.25
USCI - I
2C Mode
6.25.1
Overview
On I
2C bus, data is transferred between a Master and a Slave. Data bits transfer on the SCL and SDA
lines are synchronously on a byte-by-byte basis. Each data byte is 8-bit. There is one SCL clock pulse
for each data bit with the MSB being transmitted first, and an acknowledge bit follows each transferred
byte. Each bit is sampled during the high period of SCL; therefore, the SDA line may be changed only
during the low period of SCL and must be held stable during the high period of SCL. A transition on
the SDA line while SCL is high is interpreted as a command (START or STOP). Please refer to Figure
6.25-1 for more detailed I
2C BUS Timing.
tBUF
STOP
SDA
SCL
START
tHD_STA
tLOW
tHD_DAT
tHIGH
tf
tSU_DAT
Repeated
START
tSU_STA
tSU_STO
STOP
tr
Figure 6.25-1 I
2C Bus Timing
The device’s on-chip I
2C provides the serial interface that meets the I2C bus standard mode
specification. The I
2C port handles byte transfers autonomously. The I2C mode is selected by
FUNMODE (UI2C_CTL [2:0]) = 100B. When enable this port, the USCI interfaces to the I
2C bus via
two pins: SDA and SCL. When I/O pins are used as I
2C ports, user must set the pins function to I2C in
advance.
Note: Pull-up resistor is needed for I
2C operation because the SDA and SCL are set to open-drain
pins when USCI is selected to I
2C operation mode .
6.25.2
Features
Full master and slave device capability
Supports of 7-bit addressing, as well as 10-bit addressing
Communication in standard mode (100 kBit/s) or in fast mode (up to 400 kBit/s)
Supports multi-master bus
Supports one transmit buffer and two receive buffer for data payload
Supports 10-bit bus time-out capability
Supports bus monitor mode.
Supports Power down wake-up by data toggle or address match
Supports setup/hold time programmable
Supports multiple address recognition (two slave address with mask option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com