Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 101 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 101 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 97Page - Exar Corporation XRT79L71 Datasheet HTML 98Page - Exar Corporation XRT79L71 Datasheet HTML 99Page - Exar Corporation XRT79L71 Datasheet HTML 100Page - Exar Corporation XRT79L71 Datasheet HTML 101Page - Exar Corporation XRT79L71 Datasheet HTML 102Page - Exar Corporation XRT79L71 Datasheet HTML 103Page - Exar Corporation XRT79L71 Datasheet HTML 104Page - Exar Corporation XRT79L71 Datasheet HTML 105Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
89
1 - 0
Cell Size[1:0]
Cell Size[1:0]:
These two READ/WRITE bit-fields permit the user to specify the
size of the ATM cell that will be handled by the Receive UTOPIA
Interface blocks. The relationship between the contents of these
bit-fields and the corresponding Cell Sizes are tabulated below.
NOTE: The user must bear in mind the UTOPIA Level and the
UTOPIA Data Bus width selected, when selecting the
Cell Size.
BIT NUMBER
NAME
TYPE
DESCRIPTION
1
1
0
1
1
0
0
0
56 bytes
54 bytes (O nly valid for
U TO P IA Levels 1 and 2)
53 bytes (O nly valid for
U TO P IA Level 1, and if the
U TO P IA D ata B us W idth is set
to 8 bits)
52 bytes
R e s u ltin g C e ll S iz e (B yte s )
C e ll S iz e [1 :0 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com