Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 45Page - Exar Corporation XRT79L71 Datasheet HTML 46Page - Exar Corporation XRT79L71 Datasheet HTML 47Page - Exar Corporation XRT79L71 Datasheet HTML 48Page - Exar Corporation XRT79L71 Datasheet HTML 49Page - Exar Corporation XRT79L71 Datasheet HTML 50Page - Exar Corporation XRT79L71 Datasheet HTML 51Page - Exar Corporation XRT79L71 Datasheet HTML 52Page - Exar Corporation XRT79L71 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
37
R13
RRING
I
Receive Input - Negative Polarity Signal:
This input pin, along the RTIP input pin, functions as the Receive DS3/E3 Line
input signal receiver for the XRT79L71.
The user is expected to connect this signal and the RTIP input signal to a 1:1
transformer.
Whenever the RTIP/RRING input pins are receiving a positive-polarity pulse
within the incoming DS3 or E3 line signal, then this input pin will be pulsed to a
"lower-voltage" than the RTIP input pin.
Conversely, whenever the RTIP/RRING input pins are receiving a negative-polar-
ity pulse within the incoming DS3 or E3 line signal, then this input pin will be
pulsed to a "higher-voltage" than the RTIP input pin.
K16
CLKOUT
O
Receive (Recovered) Clock Output:
This output pin functions as the Receive or recovered clock signal. All Receive
(or recovered) data will output via the RTIP and RRING outputs upon the user-
selectable edge of this clock signal.
PIN #NAME
TYPE
DESCRIPTION
VDD PINS
G7
G8
G9
G10
K7
K8
K9
K10
H14
N14
3.3V Power Supply Pins
R16
CLKVDD
3.3V Clock Power Supply Pin
T16
JAAVDD
3.3V Jitter Attenuator Analog Power Supply Pin
N13
OVDD
3.3V Output Power Supply Pin
R12
REFAVDD
3.3V Reference Analog Power Supply Pin
T13
RXAVDD
3.3V Receive Analog Power Supply Pin
N11
TXDVDD
3.3V Transmit Digital Power Supply Pin
T12
TXAVDD
3.3V Transmit Analog Power Supply Pin
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com