Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 29Page - Exar Corporation XRT79L71 Datasheet HTML 30Page - Exar Corporation XRT79L71 Datasheet HTML 31Page - Exar Corporation XRT79L71 Datasheet HTML 32Page - Exar Corporation XRT79L71 Datasheet HTML 33Page - Exar Corporation XRT79L71 Datasheet HTML 34Page - Exar Corporation XRT79L71 Datasheet HTML 35Page - Exar Corporation XRT79L71 Datasheet HTML 36Page - Exar Corporation XRT79L71 Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
21
L4
TxTSX/
TxPSOF
I
Transmit - Start of Transfer/Transmit - Start of PPP Packet in Chunk Mode:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the Packet Mode or Cell-Chunk Mode.
Packet Mode - TxTSX:
The Link-Layer processor pulses this input pin "High" when an in-band port
address is present on the TxPData[7:0] bus.
When this input pin and TxPEN are both set "High" then the value of TxP-
Data[7:0] is the address value of the TxFIFO to be selected. Subsequent write
operations, into TxPData[15:0] will fill the TxFIFO corresponding to this inband
address.
Chunk Mode - TxPSOF:
The Link Layer processor pulses this input pin "High" in order to indicate that the
first byte (or word) of a given Packet is placed on the TxPData[15:0] pins.
NOTE: This input pin is only active if the XRT79L71 has been configured to
operate in the PPP Mode.
P1
TxUClkO/
TxPClkO
O
Transmit UTOPIA Interface Clock/Transmit POS-PHY Interface Clock Out-
put:
This output is derived from an internal PLL.
M1
TxUClk/
TxPClk
I
Transmit UTOPIA Interface Clock/Transmit POS-PHY Interface Clock Input:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or in the PPP Mode.
ATM UNI Mode - TxUClk:
The Transmit UTOPIA Interface clock is used to latch the data on the Transmit
UTOPIA Data bus, into the Transmit UTOPIA Interface block. This clock signal is
also used as the timing source for circuitry used to process the ATM cell data into
and through the TxFIFO.
During Multi-PHY operation, the data on the Transmit UTOPIA Address bus pins
is sampled on the rising edge of TxUClk.
PPP Mode - TxPClk:
The Transmit POS-PHY Interface clock is used to latch the data on the Transmit
POS-PHY Data bus, into the Transmit POS-PHY Interface block. This clock sig-
nal is also used as the timing source for circuitry used to process the Packet data
into and through the TxFIFO.
T2
T1
R2
R1
P2
TxUAddr_0
TxUAddr_1
TxUAddr_2
TxUAddr_3
TxUAddr_4
I
Transmit UTOPIA Address Bus:
These input pins comprise the Transmit UTOPIA Address Bus input pins. The
Transmit UTOPIA Address Bus is only in use when the XRT79L71 is operating in
the Multi-PHY mode. When the ATM Layer processor wishes to write data to a
particular UNI (PHY-Layer) device, it will provide the address of the intended UNI
on the Transmit UTOPIA Address Bus. The contents of the Transmit UTOPIA
Address Bus input pins are sampled on the rising edge of TxUClk. The UNI will
compare the data on the Transmit UTOPIA Address Bus with the pre-pro-
grammed contents of the TxUT Address Register (Address = 70h). If these two
values are identical and the TxUEN pin is asserted, then the TxUClav pin will be
driven to the appropriate state based upon the TxFIFO fill level for the Cell Level
handshake mode of operation.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com