Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 34Page - Exar Corporation XRT79L71 Datasheet HTML 35Page - Exar Corporation XRT79L71 Datasheet HTML 36Page - Exar Corporation XRT79L71 Datasheet HTML 37Page - Exar Corporation XRT79L71 Datasheet HTML 38Page - Exar Corporation XRT79L71 Datasheet HTML 39Page - Exar Corporation XRT79L71 Datasheet HTML 40Page - Exar Corporation XRT79L71 Datasheet HTML 41Page - Exar Corporation XRT79L71 Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
26
B7
RxOHEnable/
RxHDLCDat_5
O
Receive Overhead Data Output Interface - Enable Output/Receive HDLC
Controller Data Bus - Bit 5 output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer Mode or in the High-Speed
HDLC Controller Mode.
Clear-Channel Framer Mode - RxOHEnable:
The XRT79L71 will assert this output signal for one RxOHClk period when it is
safe for the local terminal equipment to sample the data on the RxOH output
pin.
High-Speed HDLC Controller Mode - RxHDLCDat_5:
This output pin along with RxHDLCDat_[4:0], RxHDLCDat_6 and
RxHDLCDat_7 functions as the Receive HDLC Controller byte wide output data
bus. The Receive HDLC Controller will output the contents of all HDLC frames
via this output data bus, upon the rising edge of the RxHDLCClk output signal.
Hence, the user's local terminal equipment should be designed/configured to
sample this data upon the falling edge of the RxHDLCClk output clock signal.
C7
RxOH/
RxHDLCDat_6
O
Receive Overhead Data Output Interface - output/Receive HDLC Controller
Data Bus - Bit 6 output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer mode or in the High-Speed
HDLC Controller Mode.
Clear-Channel Framer Mode - RxOH:
All overhead bits, which are received via the Receive Section of the XRT79L71
will be output via this output pin, upon the rising edge of RxOHClk.
High-Speed HDLC Controller Mode - RxHDLCDat_6:
This output pin along with RxHDLCDat_[5:0] and RxHDLCDat_7 functions as
the Receive HDLC Controller byte wide output data bus. The Receive HDLC
Controller will output the contents of all HDLC frames via this output data bus,
upon the rising edge of the RxHDLCClk output signal. Hence, the user's local
terminal equipment should be designed/configured to sample this data upon the
falling edge of the RxHDLCClk output clock signal.
A7
RxOHClk/
RxHDLCClk
O
Receive Overhead Data Output Interface - clock/Receive HDLC Controller -
Clock output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer mode or in the High-Speed
HDLC Controller Mode.
Clear-Channel Framer Mode - RxOHClk:
The XRT79L71 will output the overhead bits within the incoming DS3 or E3
frames via the RxOH output pin, upon the falling edge of this clock signal.
As a consequence, the user's local terminal equipment should use the rising
edge of this clock signal to sample the data on both the RxOH and RxOHFrame
output pins.
NOTE: This clock signal is always active.
High-Speed HDLC Controller Mode - RxHDLCClk:
This output pin functions as the Receive HDLC Controller Data bus clock out-
put. The Receive HDLC Controller block outputs the contents of all received
HDLC frames via the Receive HDLC Controller Data bus (RxHDLCDat_[7:0])
upon the rising edge of this clock signal. Hence, the user's local terminal equip-
ment should be designed/configured to sample this data upon the falling edge
of this clock signal.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com